Electronic Components Datasheet Search
  English  ▼

X  

LP2S2TRREDN Datasheet(PDF) 1 Page - E-SWITCH

Part # LP2S2TRREDN
Description  PUSHBUTTON SWITCHES - ILLUMINATED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP2S2TRREDN Datasheet(HTML) 1 Page - E-SWITCH

  LP2S2TRREDN Datasheet HTML 1Page - E-SWITCH LP2S2TRREDN Datasheet HTML 2Page - E-SWITCH LP2S2TRREDN Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SERIES LP2 SWITCHES
Operating Life:
300,000 cycles
Force:
125 ± 35 grams
Travel:
1.3mm +/- 0.3mm
Specifications subject to change without notice.
SERIES
GRAPHIC
BLK = Black
RED = Red
WHT = White
GRY = Gray
TR = Transparent Red
TB = Transparent Blue
BUTTON
COLOR
N = No Graphic
LP2
PUSHBUTTON SWITCHES - ILLUMINATED
7153 NORTHLAND DRIVE NORTH
BROOKLYN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
MECHANICAL SPECIFICATIONS
Contact Rating:
20VDC @ 1mA; 5VDC @ 5mA
Contact Resistance (Initial Max.):
200 Ohms Max @ 5VDC, 1mA
Insulation Resistance (min.@100V):
100 Megaohms Min.
Dielectric Strength (1 Min.):
250VAC
Contact Arrangement:
SPST, Normally Open
ELECTRICAL SPECIFICATIONS
Operating/Storage Temperature:
-20°C to +70°C
ENVIRONMENTAL SPECIFICATIONS
HOW TO ORDER
PHONE: 763.504.3525
FAX: 763.531.8235
Example Ordering Number
LP2 S1 WHT WHT N
FEATURES & BENEFITS
• Multiple Illumination Colors
• Custom marking options
• Multiple cap sizes
APPLICATIONS / MARKETS
• Audio/visual
• Consumer Electronics
• Telecommunications
• Medical
• Testing/instrumentation
• Computer/servers/peripherals
RED = Red
BLU = Blue
GRN = Green
YEL = Yellow
WHT = White
N = Without
LED COLOR
S1 = 6mm Sq.
S2 = 8.6mm Sq.
S3 = 11mm Sq.
BUTTON


Similar Part No. - LP2S2TRREDN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP2S2BLKN-N E-SWITCH-LP2S2BLKN-N Datasheet
101Kb / 1P
E-SWITCH LP2S2BLKN-N
More results

Similar Description - LP2S2TRREDN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com