Electronic Components Datasheet Search
  English  ▼

X  

ST3 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST3
Description  Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST3 Datasheet(HTML) 1 Page - E-SWITCH

  ST3 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ST34RE00
Actuator
Bushing
Series
Terminal
Function
Rating
Type
Type
ST3 - 3 Pole
1 - 4.8mm Tabs
3 Pole:
E - 24A 125VAC
0 - Standard Bat
0 - M12x1.0
2 - Solder
R - Off-On
2 - 15/32"-32UNS
4 - 6.3mm Tabs
S - On-On
6 - Screw
T - On-Off-On
Variable Length
Wxx - Wire Leads
(xx in Inches)
Note:
Terminal bridging options available.
ST3 Series
Rear
Panel Mount
Heavy
Duty
Water
Protection
High
Amperage
FEATURES:
• Heavy Duty Rating with UL Approvals
• Tab, Screw, and Solder Terminal Options
• Rubber Boot for Water and Dust Protection
SPECIFICATIONS:
RATING: 24A 125VAC [cULus]
15A 277VAC [cULus]
2HP 125-250VAC [cULus]
TEMPERATURE: -20°C to 85°C
ELECTRICAL LIFE: 6,000 Cycles
CONTACT RESISTANCE: 50m
 Max.
INSULATION RESISTANCE: 800M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Phenolic, UL94 V-0
ACTUATOR: Nickel Plated Brass
BUSHING: Nickel Plated Brass
HOUSING: Stainless Steel
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Brass
EXAMPLE PART NUMBERS:
ST34RE00
3P Off-On
Standard Actuator/Bushing, 6.3mm tab
ST34TE00
Accessories Series
Type
Options
ACC
Rubber Boot:
Colors for Boot:
B03 - For Standard Bat
2 - Black
Marking Plates:
Colors for Marking Plates:
M01 - ON/Off
3 - Black, Red, and Silver
Hardware:
Threading:
N02 - Knurled Nut
3 - 15/32"-32UNS
5 - M12x1.0
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
26
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - ST3

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
ST3-10 SUPERWORLD-ST3-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST3-12 SUPERWORLD-ST3-12 Datasheet
110Kb / 1P
POWER TRANSFORMER
ST3-120 SUPERWORLD-ST3-120 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST34TE00 E-SWITCH-ST34TE00 Datasheet
623Kb / 1P
Heavy Duty Rating with UL Approvals
M309339 E-SWITCH-M309339 Datasheet
209Kb / 1P
RATING: 15A @125VAC;
logo
Exar Corporation
SP3232EBCYL EXAR-SP3232EBCYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3232EENL EXAR-SP3232EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3243ECAL EXAR-SP3243ECAL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XRP9710EY EXAR-XRP9710EY Datasheet
178Kb / 2P
Flammability rating of UL 94?륷0
SP3072EENL EXAR-SP3072EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3222EBEAL EXAR-SP3222EBEAL Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
logo
List of Unclassifed Man...
2870 ETC2-2870 Datasheet
95Kb / 1P
Heavy Duty 1500 VDC rating
logo
Ningbo Tianbo Ganglian ...
TRA4 TIANBO-TRA4 Datasheet
1Mb / 3P
UL TV-5 rating relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com