Electronic Components Datasheet Search
  English  ▼

X  

CDSUA Datasheet(PDF) 1 Page - Tyco Electronics

Part # CDSUA
Description  CDSUA Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDSUA Datasheet(HTML) 1 Page - Tyco Electronics

  CDSUA Datasheet HTML 1Page - Tyco Electronics CDSUA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Corcom Facility EMI Filters Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
20
Catalog: 1654986
Issue Date: 02.2010
www.tycoelectronics.com
www.corcom.com
CDSUA Series
CDSUA Series
Features
• All four current ratings utilize a single housing
(single-wire 30, 60, 100A and two-wire 30A)
• Sealed using 18 AWG steel suitably plated housing
• Removable input cover provides quick access to
terminals
• Three knockouts on the input side
• Discharge bleeder resistor provided to reduce shock
hazard
• Surge protector provided upon request
Electrical Characteristics
Voltage Drop:
Less than 1% @ unity power factor
Overload:
140% of rated current for 15 minutes
Harmonic Distortion:
Less than 2% @ full rated current
Dielectric Withstanding Voltage:
Per MIL-PRF-15733 and UL1283
D.C. Insulation Resistance:
Per MIL-STD-202, Method 302
Terminal Strength:
Per MIL-STD-202, Method 211, Condition E
Current Rating:
Singe-wire 30, 60 and 100A, two-wire 30A
R.F. Radiation:
100 dB minimum shielding effectiveness
Insertion Loss:
100 dB from 100 kHz - 10 GHz per MIL-STD-220A
Operating Frequency:
50/60Hz
Operating Voltage:
Line to Ground:
277 VAC (max)
Line to Line:
480 VAC (max)
How to Order:
CDSUA 2 030 - C - S
Surge Arrestors (optional)
Conduit Fitting (supplied)
Current Rating
# of Filters
Series
Examples: CDSUA1030-C, CDSUA2030-C-S
Revision 02.2010


Similar Part No. - CDSUA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUA MACOM-CDSUA Datasheet
239Kb / 2P
CDSUA Series
CDSUA1030-C MACOM-CDSUA1030-C Datasheet
239Kb / 2P
CDSUA Series
CDSUA1060-C MACOM-CDSUA1060-C Datasheet
239Kb / 2P
CDSUA Series
CDSUA1100-C MACOM-CDSUA1100-C Datasheet
239Kb / 2P
CDSUA Series
CDSUA2030-C MACOM-CDSUA2030-C Datasheet
239Kb / 2P
CDSUA Series
More results

Similar Description - CDSUA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUA MACOM-CDSUA_11 Datasheet
239Kb / 2P
CDSUA Series
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com