Electronic Components Datasheet Search
  English  ▼

X  

LEV100 Datasheet(PDF) 3 Page - Tyco Electronics

Part # LEV100
Description  KILOVAC LEV100 Series 900 Vdc Contactor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEV100 Datasheet(HTML) 3 Page - Tyco Electronics

  LEV100 Datasheet HTML 1Page - Tyco Electronics LEV100 Datasheet HTML 2Page - Tyco Electronics LEV100 Datasheet HTML 3Page - Tyco Electronics LEV100 Datasheet HTML 4Page - Tyco Electronics LEV100 Datasheet HTML 5Page - Tyco Electronics LEV100 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PERFORMANCE DATA
LEV100 I Tyco Electronics
KILOVAC LEV100
Series 900 Vdc
Contactor
MOUNTING HARDWARE (NOT SUPPLIED):
2 X M4 BOLT, LOCKWASHER AND WASHER
TORQUE: 20 IN-LBS MAX [2.3 NM MAX]
M5 FEMALE LOAD TERMINALS - 2 PLACES
HARDWARE (NOT SUPPLIED)
2 X M5 BOLT, LOCKWASHER AND WASHER
TORQUE: 30 TO 40 IN-LBS [3.4 TO 4.5 NM]
2.07
[ 52.52 ]
2.28
[ 57.96 ]
.30
[7.62 ]
.70
[ 17.78 ]
1.82
[ 46.3 ]
1.56 DIA.
[ 39.5 ]
M5 FEMALE LOAD TERMINALS - 2 PLACES
HARDWARE (NOT SUPPLIED)
2 X M5 BOLT, LOCKWASHER AND WASHER
TORQUE: 30 TO 40 IN-LBS [3.4 TO 4.5 NM]
MOUNTING HARDWARE (NOT SUPPLIED):
2 X M4 BOLT, LOCKWASHER AND WASHER
TORQUE: 20 IN-LBS MAX [2.3 NM MAX]
.83
[21.02 ]
1.61
[ 40.77 ]
.30
[7.62 ]
.70
[17.78 ]
1.82
[ 46.32 ]
2.07
[ 52.52 ]
.99
[ 25.04 ]
1.56 DIA.
[ 39.5 ]
2.28
[57.96 ]
B
Bo
ot
tt
to
om
m M
Mo
ou
un
nt
t
S
Siid
de
e M
Mo
ou
un
nt
t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com