Electronic Components Datasheet Search
  English  ▼

X  

PHD32VCY Datasheet(PDF) 1 Page - Power-One

Part # PHD32VCY
Description  PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PHD32VCY Datasheet(HTML) 1 Page - Power-One

  PHD32VCY Datasheet HTML 1Page - Power-One PHD32VCY Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
PHD32 Series – 32A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 7/01
Page 1 of 2
www.power-one.com
Features
•
Two independently regulated outputs
•
Efficiency in excess of 90%
•
32A of combined output current at 65°C and
200LFM
•
Flexible output load distribution
•
Output overcurrent protection
•
Remote ON/OFF
•
Output voltage trim adjust for each output
•
Through hole and SMT configurations
Description
The PHD32 series converters are non-isolated dual output DC/DC converters available in through hole and
surface mount configurations. The products provide point of load conversion of a single 3.3V or 5V input
voltage to two independently regulated low output voltages. Each output can provide up to 20A of output
current, has independent feedback loop and independent trim function. Two power trains operate out of
phase thus significantly reducing ripple current requirements and simplifying external filtering. High
efficiency, low space requirements, and flexible loading characteristics make the converters an ideal choice
for powering of high performance multivoltage ASICs.
3.3V Input
5V Input
3.3V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
5V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
PHD32UDD
3.0-3.6
2.5
2.5
91
PHD32VEE
4.5-5.5
3.3
3.3
92
PHD32UDC
3.0-3.6
2.5
2.0
90
PHD32VED
4.5-5.5
3.3
2.5
92
PHD32UDB
3.0-3.6
2.5
1.8
89
PHD32VEC
4.5-5.5
3.3
2.0
91
PHD32UDA
3.0-3.6
2.5
1.5
89
PHD32VEB
4.5-5.5
3.3
1.8
91
PHD32UDY
3.0-3.6
2.5
1.2
88
PHD32VEA
4.5-5.5
3.3
1.5
90
PHD32UCC
3.0-3.6
2.0
2.0
89
PHD32VEY
4.5-5.5
3.3
1.2
90
PHD32UCB
3.0-3.6
2.0
1.8
88
PHD32VDD
4.5-5.5
2.5
2.5
91
PHD32UCA
3.0-3.6
2.0
1.5
88
PHD32VDC
4.5-5.5
2.5
2.0
91
PHD32UCY
3.0-3.6
2.0
1.2
87
PHD32VDB
4.5-5.5
2.5
1.8
89
PHD32UBB
3.0-3.6
1.8
1.8
88
PHD32VDA
4.5-5.5
2.5
1.5
89
PHD32UBA
3.0-3.6
1.8
1.5
87
PHD32VDY
4.5-5.5
2.5
1.2
88
PHD32UBY
3.0-3.6
1.8
1.2
86
PHD32VCC
4.5-5.5
2.0
2.0
89
PHD32UAA
3.0-3.6
1.5
1.5
86
PHD32VCB
4.5-5.5
2.0
1.8
89
PHD32UAY
3.0-3.6
1.5
1.2
85
PHD32VCA
4.5-5.5
2.0
1.5
88
PHD32UYY
3.0-3.6
1.2
1.2
84
PHD32VCY
4.5-5.5
2.0
1.2
87
PHD32VBB
4.5-5.5
1.8
1.8
88
PHD32VBA
4.5-5.5
1.8
1.5
87
PHD32VBY
4.5-5.5
1.8
1.2
86
PHD32VAA
4.5-5.5
1.5
1.5
86
PHD32VAY
4.5-5.5
1.5
1.2
85
Both outputs of the PHD32U and PHD32V can be
loaded up to twenty (20) amps each.
Note: The maximum combined output is thirty-two
(32) amps.
PHD32VYY
4.5-5.5
1.2
1.2
84


Similar Part No. - PHD32VCY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD3055E PHILIPS-PHD3055E Datasheet
72Kb / 7P
PowerMOS transistor
September 1997 Rev 1.000
PHD3055E PHILIPS-PHD3055E Datasheet
103Kb / 10P
N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHD3055E NXP-PHD3055E Datasheet
220Kb / 14P
N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
logo
VBsemi Electronics Co.,...
PHD3055E VBSEMI-PHD3055E Datasheet
1,003Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
PHD3055E ISC-PHD3055E Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - PHD32VCY

ManufacturerPart #DatasheetDescription
logo
Power-One
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com