Electronic Components Datasheet Search
  English  ▼

X  

9100 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 9100
Description  Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9100 Datasheet(HTML) 1 Page - Tyco Electronics

  9100 Datasheet HTML 1Page - Tyco Electronics 9100 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
816
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Single- or double-pole relay used extensively in HVAC applications.
• Multi-positional mounting without affecting operation.
• Convenient 0.250” (6.35 mm) quick connect terminals.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Contact Data @ 25°C
Arrangements: 1 Form A (SPST-NO), 1 Form B (SPST-NC), 1 Form C
(SPDT), 2 Form A (DPST-NO), 2 Form B (DPST-NC), 2 Form
C (DPDT) or 1 Form A + 1 Form B (SPST-NO+SPST-NC).
Materials: Silver, Fine Silver and Gold Alloy.
Maximum Ratings:
Silver (Power) Contacts
All Forms:
3/4 HP @ 125/250VAC;
12 FLA, 60 LRA, 15A resistive @ 125VAC;
6 FLA, 35 LRA, 15A resistive @ 250/277VAC;
3 FLA, 18 LRA, 12.5A resistive @ 480VAC;
3 FLA, 14 LRA @ 600VAC;
Form A only:
25A @ 277VAC, resistive.
Fine Silver and Gold Alloy (Pilot) Contacts
All Forms:
1/10 HP @ 125/250VAC;
3A @ 277VAC;
125VA @ 125VAC.
Expected Life:
1 million ops., mechanical.
250,000 ops., at rated resistive loads.
100,000 ops., at rated inductive loads.
Initial Dielectric Strength
Initial Breakdown Voltage: 2,200 VAC @ 60 Hz. between live parts and
exposed non-current carrying metal parts.
Coil Data @ 25°C
Voltage: 12 & 24 VDC; 24-277 VAC, 50/60 Hz.
Max. Sealed Power: 9.5 VA (AC coils.); 5.75 W (DC coils).
Nominal Inrush Power: 21.5 VA (AC coils.); 5.75 W (DC coils).
Insulation Class: UL Class B (130°C).
Duty Cycle: Continuous.
Environmental Data
Temperature Range: Storage and Operating: -40°C – +65°C.
Mechanical Data
Termination: 0.250” (6.35 mm) quick connects. Dual terminals on the coil
are standard.
Weight: 6.08 oz. (173 g) approximately
9100 series
Power Relay
1- and 2-pole, 3-12 FLA
AC or DC Coil
File E75492
% Of Nominal Coil Voltage
100
90
80
70
60
50
40
30
20
10
0
80
100
120
130
Operate Data @ 25°C
Must Operate Voltage: Approximately 85% of AC nominal coil voltage.
Approximately 75% of DC nominal coil voltage.
Coil Temperature Rise Above Ambient


Similar Part No. - 9100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
9100 INTEL-9100 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
logo
List of Unclassifed Man...
9100 ETC2-9100 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Pentair plc. All rights...
9100 PENTAIR-9100 Datasheet
306Kb / 2P
LIGHT COMMERCIAL/RESIDENTIAL TWIN TANK VALVE
logo
Littelfuse
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
9100 LITTELFUSE-9100 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results

Similar Description - 9100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
96-3186 MACOM-96-3186 Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
41901 MACOM-41901 Datasheet
297Kb / 3P
Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
3100-30K16999CJ MACOM-3100-30K16999CJ Datasheet
100Kb / 2P
Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
1308242 MACOM-1308242 Datasheet
753Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
Vicor Corporation
PB1002PFCDC VICOR-PB1002PFCDC Datasheet
88Kb / 3P
Power Supply Dual Input: AC and DC 1 or 2 Outputs
logo
TE Connectivity Ltd
1308242 TEC-1308242 Datasheet
267Kb / 2P
Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com