Electronic Components Datasheet Search
  English  ▼

X  

AP2181D Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2181D
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181D Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2181D Datasheet HTML 5Page - Diodes Incorporated AP2181D Datasheet HTML 6Page - Diodes Incorporated AP2181D Datasheet HTML 7Page - Diodes Incorporated AP2181D Datasheet HTML 8Page - Diodes Incorporated AP2181D Datasheet HTML 9Page - Diodes Incorporated AP2181D Datasheet HTML 10Page - Diodes Incorporated AP2181D Datasheet HTML 11Page - Diodes Incorporated AP2181D Datasheet HTML 12Page - Diodes Incorporated AP2181D Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 1 - 2
9 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Application Note
The AP2181D and AP2191D are integrated high-side power switches optimized for Universal Serial Bus (USB)
that requires protection functions. The power switches are equipped with a driver that controls the gate voltage
and incorporates slew-rate limitation. This, along with the various protection features and special functions, makes
these power switches ideal for hot-swap or hot-plug applications.
Protection Features:
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) guarantees that the internal power switch is initially off during start-up. The
UVLO functions only when the switch is enabled. Even if the switch is enabled, the switch is not turned ON until
the power supply has reached at least 1.9V. Whenever the input voltage falls below approximately 1.9V, the
power switch is turned off. This facilitates the design of hot-insertion systems where it is not possible to turn off the
power switch before input power is removed.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense
FETs do not increase the series resistance of the current path. When an overcurrent condition is detected, the
device maintains a constant output current and reduces the output voltage accordingly. Complete shutdown
occurs only if the fault stays long enough to activate thermal limiting.
The different overload conditions and the corresponding response of the AP2181D/AP2191D are outlined below:
S. NO
Conditions
Explanation
Behavior of the AP2181D/AP2191D
1
Short circuit condition
at start-up
Output is shorted before
input voltage is applied or
before the part is enabled
The IC senses the short circuit and immediately
clamps output current to a certain safe level
namely ILIMIT.
2
Short-circuit or
Overcurrent condition
Short-Circuit or Overload
condition that occurs
when the part is enabled.
• At the instance the overload occurs, higher
current may flow for a very short period of
time before the current limit function can
react.
• After the current limit function has tripped
(reached the over-current trip threshold), the
device switches into current limiting mode
and the current is clamped at ILIMIT.
3
Gradual increase from
nominal operating
current to ILIMIT
Load increases gradually
until the current-limit
threshold.(ITRIG)
The current rises until ITRIG or thermal limit.
Once the threshold has been reached, the
device switches into its current limiting mode
and is set at ILIMIT.
Note that when the output has been shorted to GND at extremely low temperature (< -20
oC), a minimum 120-μF
electrolytic capacitor on the output pin is recommended. A correct capacitor type with capacitor voltage rating and
temperature characteristics must be properly chosen so that capacitance value does not drop too low at the
extremely low temperature operation. A recommended capacitor should have temperature characteristics of less
than 10% variation of capacitance change when operated at extremely low temp. Our recommended aluminum
electrolytic capacitor type is Panasonic FC series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com