Electronic Components Datasheet Search
  English  ▼

X  

AP7365 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP7365 Datasheet HTML 11Page - Diodes Incorporated AP7365 Datasheet HTML 12Page - Diodes Incorporated AP7365 Datasheet HTML 13Page - Diodes Incorporated AP7365 Datasheet HTML 14Page - Diodes Incorporated AP7365 Datasheet HTML 15Page - Diodes Incorporated AP7365 Datasheet HTML 16Page - Diodes Incorporated AP7365 Datasheet HTML 17Page - Diodes Incorporated AP7365 Datasheet HTML 18Page - Diodes Incorporated AP7365 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
15 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information
(1) SOT25
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7365-ADJ
SOT25
VA
AP7365-08
SOT25
VB
AP7365-10
SOT25
VC
AP7365-12
SOT25
VD
AP7365-15
SOT25
VE
AP7365-18
SOT25
VF
AP7365-20
SOT25
VG
AP7365-25
SOT25
VH
AP7365-28
SOT25
VJ
AP7365-30
SOT25
VK
AP7365-33
SOT25
VM
AP7365-39
SOT25
VN
(2) DFN2020-6
Y : Year : 0~9
( Top View )
Y W X
XX
XX : Identification Code
X : A~Z : Green
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7365-ADJ
DFN2020-6
VA
AP7365-08
DFN2020-6
VB
AP7365-10
DFN2020-6
VC
AP7365-12
DFN2020-6
VD
AP7365-15
DFN2020-6
VE
AP7365-18
DFN2020-6
VF
AP7365-20
DFN2020-6
VG
AP7365-25
DFN2020-6
VH
AP7365-28
DFN2020-6
VJ
AP7365-30
DFN2020-6
VK
AP7365-33
DFN2020-6
VM
AP7365-39
DFN2020-6
VN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com