Electronic Components Datasheet Search
  English  ▼

X  

20AYP6C Datasheet(PDF) 2 Page - Tyco Electronics

Part # 20AYP6C
Description  High Performance 3-Phase RFI Power Line Filters for WYE Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

20AYP6C Datasheet(HTML) 2 Page - Tyco Electronics

  20AYP6C Datasheet HTML 1Page - Tyco Electronics 20AYP6C Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A Series
High Performance 3-Phase RFI Power Line Filters for WYE Applications (Continued)
Part Numbers
20AYP6C
20AYT6C
30AYP6C
30AYT6C
45AYP6C
45AYT6C
60AYP6C
60AYT6C
Mounting Hardware
Mounting Bracket Kit with Captive Nuts:
AA400 (20/30 Amp)
AA405 (45/60 Amp)
End Bell Kit with Captive Nuts:
AA406 (20/30 Amp)
AA407 (45/60 Amp)
Additional Captive Nuts to Mount Filters:
AA401 (10 Nuts)
9
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
Electrical Schematics
Case Style
AYP6C & AYT6C
Case Dimensions
Part No.
A*B
C
D
E
± .030
± .015
(max)
(max)
(max)
± .76
± .38
20AYP6C
8.82
5.57
2.56
4.616
1.50
224.0
141.5
65.0
117.2
38.1
30AYP6C
8.82
5.57
2.56
4.616
1.50
224.0
141.5
65.0
117.2
38.1
45AYP6C
9.43
6.92
4.82
5.950
3.75
239.5
175.8
122.4
151.1
95.3
60AYP6C
9.43
6.92
4.82
5.950
3.75
239.5
175.8
122.4
151.1
95.3
20AYT6C
13.82
5.57
2.56
4.616
1.50
351.0
141.5
65.0
117.2
38.1
30AYT6C
13.82
5.57
2.56
4.616
1.50
351.0
141.5
65.0
117.2
38.1
45AYT6C
13.83
6.92
4.82
5.950
3.75
351.3
175.8
122.4
151.1
95.3
60AYT6C
13.83
6.92
4.82
5.95
3.75
351.3
175.8
122.4
151.1
95.3
* For end bell covering terminals and connections, add:
20A & 30A
5.57
141.48
45A & 60A
6.45
163.83
A
B
C
D
E
Terminals:
1/4 x 20 (10)
Mounting studs:
No. 8-32 (8)
Torque 56 2 in. lbs.
LINE
LOAD
LINE
GND
LOAD
GND
AA
B
B
C
C
N
N
LINE
LINE
GND
A
B
C
N
LOAD
LOAD
GND
A
B
C
N
AYP6C Models
AYT6C Models
Resistor location for reference only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com