Electronic Components Datasheet Search
  English  ▼

X  

TS-16 Datasheet(PDF) 2 Page - Bud Industries, Inc.

Part # TS-16
Description  TEMPERATURE CONTROL DIN RAIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

TS-16 Datasheet(HTML) 2 Page - Bud Industries, Inc.

  TS-16 Datasheet HTML 1Page - Bud Industries, Inc. TS-16 Datasheet HTML 2Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUD INDUSTRIES, INC. • 4605 E. 355th Street • P.O. Box 998
Willoughby, Ohio 44094 • (440) 946-3200 • Fax (440) 951-4015
E-MAIL: saleseast@budind.com • WEB SITE: www.budind.com
BUD WEST • 10000 N 31st Ave. Suite D-401 • Phoenix, Arizona
85051 • (602) 870-8377 • Fax (602) 870-8477
Tradename
• Tem-Stat Temperature Control Din
Rail
Benefits and Features
• UL 94V-0, light grey plastic housing
• UL, CSA agency approved
• Mounts to 35mm DIN rail (EN 60
715)
• Connection is for 2-pole terminal for
AWG 14 maximum
• Sensor
element
is
made
from
thermostatic bi-metal.
Applications
• Prevention of shut-downs caused by
over-heating
of
electronic
or
electrical equipment in enclosures
with DIN rails.
Competition and Competitive
Advantages
• Hammond
• McLean
• Rotron
• Emcor
• Rittal
• Great Lakes
Related Products
• Cabinet Racks
• Fans
• Fan Trays
Key Customer Contacts
• Design Engineers
• Installation Designers/Managers
• Manufacturing Engineers
Questions to Ask
• Who specifies your enclosures?
• Does
your
equipment
require
additional cooling?
Technical Data
Switching Difference (hysteresis)
12.6°F ± 7°F (7°C ± 4K)
Max. Tolerance
±7.2°F (4K)
Service Life
100,000 cycles
Switching Capacity (max. load)
15A resistive/ 2A inductive at 120 VAC
10A resistive/ 2A inductive at 250 VAC
DC 30W
Minimum Load
20 mA (all voltages)
EMI/EMC compliance
EN 55014-1-2, EN 61000-3-2, EN 61000-3-3
Connection
2-pole terminal for AWG 14 max.
Weight
1.4 oz (40g)
Operating temperature
-4 to 176°F (-20 to 80°C)
Storage temperature
-49 to 176°F (-45 to 80°C)
Protection Type
IP20
Scale on Housing
30 to 140°F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com