Electronic Components Datasheet Search
  English  ▼

X  

63ADT6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 63ADT6
Description  High Performance Filters for High Current Three Phase Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

63ADT6 Datasheet(HTML) 2 Page - Tyco Electronics

  63ADT6 Datasheet HTML 1Page - Tyco Electronics 63ADT6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part No.
F
G
HJK
± .030
± .030
± .030
± .030
(max)
± .76
± .76
± .76
± .76
63ADT6
11.97
7.50
1.75
2.00
6.00
304.0
190.5
44.4
50.8
152.4
63ADT6S
16.97
7.50
3.00
3.00
6.00
431.0
190.5
76.2
76.2
152.4
100ADT6
16.97
7.50
3.00
3.00
6.00
431.0
190.5
76.2
76.2
152.4
100ADT6S
16.97
8.50
3.00
3.00
6.00
431.0
215.9
76.2
76.2
152.4
160/200ADT6
16.97
7.50
3.00
3.00
6.00
431.0
190.5
76.2
76.2
152.4
160/200ADT6S
19.97
10.50
2.75
3.00
7.00
507.2
266.7
69.8
76.2
177.8
ADT Series
11
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
High Performance Filters for High Current Three Phase Applications (Continued)
Case Style
CL
CL
CL
CL
0.75
0.69 Typ.
See Note
3/8-16 Thread
(7x)
Mounting
Bracket
0.75 x 0.44 Slot
(2x)
H
A
F
G
B
J
C
E
K
(2x)
D
(2x)
2.00
1.00
1.18 x 0.56 Slot
(2x)
2.0 Max. (6x)
0.75
(2x)
0.75
G
Line
Load
Case Dimensions
Part No.
A
BCD
E
± .030
(max)
(max)
(max)
(max)
± .76
63ADT6
14.00
10.00
3.50
8.50
10.00
355.6
254.0
89.0
216.0
254.0
63ADT6S
19.00
10.00
4.50
8.50
15.00
482.6
254.0
114.3
216.0
381.0
100ADT6
19.00
10.00
4.50
8.50
15.00
482.6
254.0
114.3
216.0
381.0
100ADT6S
19.00
11.00
4.50
8.50
15.00
482.6
279.4
114.3
216.0
381.0
160/200ADT6
19.00
10.00
4.50
8.50
15.00
482.6
254.0
114.3
216.0
381.0
160/200ADT6S
22.00
13.00
4.50
11.50
18.00
558.8
330.2
114.3
292.2
457.2
Part Numbers
063ADT6
063ADT6S
100ADT6
100ADT6S
160ADT6
160ADT6S
200ADT6
200ADT6S
Terminals:
63ADT6, 63ADT6S, 100ADT6S:
3/8-16 (6)
Torque (Max.): 70 in.lb.
100ADT6, 160ADT6, 160ADT6S, 200ADT6, 200ADT6S:
7/16-20 (6)
Torque (Max.): 125 in.lb.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com