Electronic Components Datasheet Search
  English  ▼

X  

3VAQ8FS Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3VAQ8FS
Description  High Frequency Power Line Filter or Power Entry Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3VAQ8FS Datasheet(HTML) 1 Page - Tyco Electronics

  3VAQ8FS Datasheet HTML 1Page - Tyco Electronics 3VAQ8FS Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The AQ series high frequency filters provide a low cost
solution to the problem of power line noise at high
frequencies.
With UL Recognition and CSA Certification, the AQ series
is readily available to the customer who requires high
common and differential mode performance from 10KHz to
1GHz. Models with “F” suffix incorporate an IEC connector
and a fuseholder. Models with “S” suffix are supplied with
a switch.
The AQ series is ideal for applications where computers
are used to process secret or confidential information.
High Frequency Power Line Filter or Power Entry Module
Maximum leakage current, each line-to-ground
3A Models
6A Models
@ 120 VAC 60 Hz:
1.2mA
.7mA
@ 250 VAC 50 Hz:
2.3mA
1.2mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
12
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
AQ Series
AQ Series
CORCOM Product Guide
Specifications
UL Recognized
CSA Certified
Electrical Schematics
Recommended Panel Cutouts
3A Models
6A Models
LINE
LOAD
LINE
LOAD
.910 + .005
23.
11 + .13
.855 + .005
21.72 +
.13
.620 + .005
15.75 + .13
.620 + .005
15.75 + .13
Dia.
1.295 + .005
32.89 + .13
.235 + .005
5.969 + .13
R
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating .01
.1
.5
1
10
50
100 300 1000
3A
10
80
88
88 100
100
100
93
85
6A
26
59
80
80 100
100
100
93
85
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating .01
.1
.5
1
10
50
100 300 1000
3A
6
51
78
88 100
100
100
93
85
6A
10
65
86
95 100
100
100
93
85
Part Numbers
3VAQ3
6VAQ3
3VAQ8F
6VAQ8F
3VAQ8FS
6VAQ8FS
6VAQ8F
3VAQ8F
Resistor location for reference only.
Resistor location for reference only.


Similar Part No. - 3VAQ8FS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3VAQ8FS MACOM-3VAQ8FS Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
logo
TE Connectivity Ltd
3VAQ8FS TEC-3VAQ8FS Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
More results

Similar Description - 3VAQ8FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
POWER ENTRY MODULES WITHOUT LINE FILTER
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
Power Entry Module with RFI Power Line Filter for General or Medical Applications
3VAQ3 MACOM-3VAQ3_11 Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
logo
Schurter Inc.
0040.5000.2 SCHURTER-0040.5000.2 Datasheet
400Kb / 3P
Power entry modules without line filter
logo
TE Connectivity Ltd
3VAQ3 TEC-3VAQ3 Datasheet
230Kb / 3P
High Frequency Power Line Filter or Power Entry Module
GG8 TEC-GG8 Datasheet
288Kb / 3P
Power entry module with enhanced EMI filter
logo
XP Power Limited
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
IEC Power Entry Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
IEC Power Entry Inlet with Line Filter
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
IEC Power Entry Inlet with Line Filter
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com