Electronic Components Datasheet Search
  English  ▼

X  

PT2248 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2248
Description  Infrared Remote Control Transmitter????
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2248 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2248 Datasheet HTML 1Page - Princeton Technology Corp PT2248 Datasheet HTML 2Page - Princeton Technology Corp PT2248 Datasheet HTML 3Page - Princeton Technology Corp PT2248 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2248
PT2248 v 2.5
Page 3
Revised Dec. 1998
Princeton Technology Corp.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
6
12
18
5
11
17
4
10
16
3
9
15
2
8
14
1
7
13
455K
120p
120p
IN4148
2
IR LED
3V
PNP
R
Pin Nos. 4 ~ 9
Pin Nos. 10 ~ 12
P T 2248
V ss
X T
X T
K
K
K
K
K
1
2
3
4
5
V cc T X O U T T E S T C O D E T
T
T 1
K
32
6
Notes: 1. R = 200 Ohms to 3.9 K Ohms
2. It is highly recommended that the 47µf capacitor be situated near
the Vcc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com