Electronic Components Datasheet Search
  English  ▼

X  

06EDK3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 06EDK3
Description  Enhanced Performance K Series RFI Power Line Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06EDK3 Datasheet(HTML) 2 Page - Tyco Electronics

  06EDK3 Datasheet HTML 1Page - Tyco Electronics 06EDK3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
Enhanced Performance K Series RFI Power Line Filters (Continued)
Case Styles
Case Dimensions
A
B
C
DE
Part No.
(max)
(max)
(max)
±.015
(max)
±.38
1VDK1, 1EDK1
3.35
2.07
1.16
2.375
2.81
85.1
52.6
29.5
60.33
71.4
1VDK3, 1EDK3
2.07
2.07
1.16
2.375
2.81
52.6
52.6
29.5
60.33
71.4
3VDK1, 3EDK1,
3.85
2.07
1.16
2.938
3.35
6VDK1, 6EDK1
97.8
52.6
29.5
74.63
85.1
3VDK3, 3EDK3,
2.56
2.07
1.16
2.938
3.35
6VDK3, 6EDK3
65.0
52.6
29.5
74.63
85.1
10VDK1,
3.85
2.07
1.32
2.938
3.35
10EDK1
97.8
52.6
33.5
74.63
85.1
10VDK3,
2.57
2.07
1.32
2.938
3.35
10EDK3
65.3
52.6
33.5
74.63
85.1
20VDK1,
3.85
2.58
1.78
2.938
3.35
20EDK1
97.8
65.5
45.2
74.63
85.1
20VDK6
3.46
2.58
1.78
2.938
3.35
87.9
65.5
45.2
74.63
85.1
23
DK Series
CORCOM Product Guide
VDK1/EDK1
VDK3/EDK3
20VDK1/20EDK1
20VDK6
E
D
A
B
C
E
D
A
C
B
Green/Yellow
Blue
Brown
Blue
Brown
ED
A
B
C
ED
A
B
C
Terminals:
No. 8-32 (5)
Part Numbers
01VDK1
01EDK1
01VDK3
01EDK3
03VDK1
03EDK1
03VDK3
03EDK3
06VDK1
06EDK1
06VDK3
06EDK3
10VDK1
10EDK1
10VDK3
10EDK3
20VDK1
20EDK1
20VDK6
Torque 18± 2 in.lb.
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire Leads: 4.0 [101.6] (Min.)
Mounting Holes: .188 [4.78] Dia. (2)
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com