Electronic Components Datasheet Search
  English  ▼

X  

PT2250A Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2250A
Description  Infrared Remote Control Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2250A Datasheet(HTML) 6 Page - Princeton Technology Corp

  PT2250A Datasheet HTML 1Page - Princeton Technology Corp PT2250A Datasheet HTML 2Page - Princeton Technology Corp PT2250A Datasheet HTML 3Page - Princeton Technology Corp PT2250A Datasheet HTML 4Page - Princeton Technology Corp PT2250A Datasheet HTML 5Page - Princeton Technology Corp PT2250A Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Receiver
PT2249A / PT2250A Series
PT2249A/50A v 2.3
Page 6
Revised Dec. 1999
e) The Code Bits Combinations of PT2248 and PT2250A Series are shown
below:
PT2248
PT2250A Series
C1
C2
C3
C1
C2
001
0
0
011
0
1
101
1
0
111
1
1
f) Example : (Refer to Example 2 diagram)
The following example shows the case when PT2248 Code Bits C1 = 0,
C2 = 0, and C3 = 1. The CODE1 and CODE2 pins of the PT2250A Series
are connected to the Vss (C1=0 and C2=0). In this way, the PT2250A or
any of its series matches the C1 and C2 Code Bits of PT2248; thus, the
remote commands are correctly decoded.
CODE
T3
T2
T1
K6
C1=0 C2=0
PT2248
CODE1 CODE2 OSC
Vcc
PT2250A Series
+5V
C1=0 C2=0
Example 2
Circuit Diagram when Code Bit C1= 0 and C2 = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com