Electronic Components Datasheet Search
  English  ▼

X  

1EDP Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1EDP
Description  High Performance Compact RFI Power Line Filters with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Datasheet(HTML) 1 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Compact RFI Power Line Filters with IEC Connectors
The ED series filters are more effective than general-
purpose filters in applications where line-to-line and low-
frequency line-to-ground noise must be controlled; for
example, to bring equipment into compliance with FCC
conducted emissions standards.
The ED series offers significantly higher performance
than comparably sized filters, especially at high
frequencies, yet is in the EF series package which
incorporates the IEC power line connector. Models ED1,
ED1C, and ED2 have .250” terminals on load side; ED4,
ED4C, ED8, and ED8C have wire leads.
Models 6ED1C, 10ED1C, 6ED4C, and 6ED8C additionally
incorporate a separate ground-circuit inductor to isolate
the equipment chassis from power line ground at RF
frequencies.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22 mA
@ 250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
ED1, ED2, ED4, ED8
01A
24
35
42
49
52
54
03A
20
29
36
45
50
54
06A
14
23
30
41
45
50
10A
8
14
20
35
39
45
15A
4
9
12
28
34
40
ED1C
06A
14
20
25
37
42
50
10A
8
14
20
35
39
45
ED4C, ED8C
06A
14
20
25
37
42
50
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
ED1, ED2, ED4, ED8
01A
3
15
20
37
37
36
03A
3
15
20
37
37
36
06A
3
15
20
31
35
34
10A
6
15
20
23
44
47
15A
6
18
23
33
44
47
ED1C
06A
7
17
23
36
42
42
10A
6
15
20
23
44
47
ED4C, ED8C
06A
7
17
23
29
38
42
32
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
ED Series
ED Series
CORCOM Product Guide
ED1/ED1C
ED2
ED4/ED4C
ED8/ED8C
Electrical Schematics
LINE
LOAD
LINE
LOAD
Resistor location for reference only.
ED Models
ED-C Models
Line Cord
Line Cord No. GA400:
71/2 foot, 3-conductor line cord to mate with ED series.
UL Recognized
CSA Certified
VDE Approved
*15ED1, 15ED8 -
UL, CSA 15 Amps/250 VAC
VDE
10 Amps/250 VAC


Similar Part No. - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
1EDP MACOM-1EDP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
More results

Similar Description - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
High Performance RFI Power Line Filters for Medical Equipment
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
High Performance B Series RFI Line Filters
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6EHT TEC-6EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
10EHT TEC-10EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com