Electronic Components Datasheet Search
  English  ▼

X  

3EC1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EC1
Description  High Performance Compact RFI Power Line Filters with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EC1 Datasheet(HTML) 1 Page - Tyco Electronics

  3EC1 Datasheet HTML 1Page - Tyco Electronics 3EC1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Compact RFI Power Line Filters with IEC Connectors
The EC series RFI power line filters provide the highest
attenuation of any standard filter available in a package
size limited by the dimensions of the integral IEC
connector. These filters combine high common-mode
inductance with high differential-mode capacitance and
minimal parasitic elements, for effective attenuation of
line-to-ground and line-to-line noise across the frequency
range.
Performance and applications are similar to those of the
ED series, but with higher differential-mode performance
in most applications, due to an additional capacitor on
the load side.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22 mA
@ 250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
01A
25
35
40
50
50
50
03A
20
30
37
47
48
50
06A
15
22
25
40
45
50
10A
7
14
20
35
39
48
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
20
30
EC1, EC2, EC8
01A
5
35
50
60
60
40
40
03A
5
25
45
60
55
34
34
06A
10
10
40
65
60
40
40
10A
10
10
27
65
56
38
38
EC4
01A
5
35
50
60
60
33
33
03A
5
30
45
60
55
34
34
06A
10
10
40
65
60
33
33
Line Cord
Line Cord No. GA400:
71/2 foot, 3-conductor line cord to mate with EC series.
30
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EC Series
EC Series
CORCOM Product Guide
Electrical Schematic
Resistor location for reference only.
LINE
LOAD
EC1
EC8
EC2
EC4
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 3EC1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EC1 MACOM-3EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
More results

Similar Description - 3EC1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1ED1 MACOM-1ED1 Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
High Performance RFI Power Line Filters for Medical Equipment
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
High Performance B Series RFI Line Filters
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6EHT TEC-6EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
10EHT TEC-10EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com