Electronic Components Datasheet Search
  English  ▼

X  

1EEB2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1EEB2
Description  Cost Effective Compact REI Filter IEC Connector Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EEB2 Datasheet(HTML) 1 Page - Tyco Electronics

  1EEB2 Datasheet HTML 1Page - Tyco Electronics 1EEB2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost Effective Compact RFI Filter IEC Connector Package
This is a new generation of compact RFI filters with IEC
socket. A totally new design in both the internal structure
and manufacturing process makes this series cost effective
and compact. The EEA series supersedes the EF series by
providing superior performance, particularly in the common
mode at low frequencies. Mechanically, its slimmer size
makes it compatible with all similar filters on the market.
EEB Series
This is a new generation of compact RFI filters with IEC
socket. A totally new design in both the internal structure
and manufacturing process makes this series cost
effective and compact. Electrically, the EEB provides
enhanced differential mode performance compared to
both the EEA and EF series. Mechanically, its slimmer
size makes it compatible with all similar filters on the
market.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22 mA
@ 250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.1
.15
.5
1
5
10
30
EEA Models
0
1A
12
23
29
32
41
47
47
47
40
0
3A
-
10
15
19
30
36
48
50
47
0
6A
-
1
4
10
22
28
42
48
47
10A
-
1
3
5
14
20
32
38
47
EEB Models
0
1A
12
23
29
32
41
47
47
47
40
0
3A
-
10
14
18
30
36
48
50
47
0
6A
-
1
4
10
22
28
42
48
47
10A
-
1
3
5
14
20
32
38
47
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.5
1
1.5
3
5
10
30
EEA Models
0
1A
1
9
19
32
42
45
40
0
3A
2
4
6
20
35
45
40
0
6A
2
4
6
6
24
40
40
10A
1
4
5
5
5
30
40
Current
Frequency-MHz
Rating
.01
.15
.5
1
3
5
10
30
EEB Models
0
1A
1
3
14
23
41
47
50
44
0
3A
1
2
11
14
25
38
44
40
0
6A
1
2
10
14
20
33
42
40
10A
1
2
10
16
19
19
39
40
36
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EEA, EEB Series
EEA Series
CORCOM Product Guide
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
EEA2/EEB2
EEAP/EEBP
EEA1/EEB1
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 1EEB2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EEB2 MACOM-1EEB2 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
More results

Similar Description - 1EEB2

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9100 CALMIRCO-CM9100 Datasheet
302Kb / 11P
Basic Compact Cost-effective Fast-Charger
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
Compact Cost-effective Fast Charger
logo
Tyco Electronics
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
Snap-In Compact RFI Filter IEC Connector Package
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
logo
TE Connectivity Ltd
EEA TEC-EEA Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0236 AVAGO-MSA-0236 Datasheet
375Kb / 4P
Cost Effective Ceramic Microstrip Package
MSA-0336 AVAGO-MSA-0336 Datasheet
382Kb / 4P
Cost Effective Ceramic Microstrip Package
MSA-0636 AVAGO-MSA-0636 Datasheet
394Kb / 4P
Cost Effective Ceramic Microstrip Package
MSA-0736 AVAGO-MSA-0736 Datasheet
376Kb / 4P
Cost Effective Ceramic Microstrip Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com