Electronic Components Datasheet Search
  English  ▼

X  

PT2256 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2256
Description  Electronic Volume Controller IC??????
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2256 Datasheet HTML 1Page - Princeton Technology Corp PT2256 Datasheet HTML 2Page - Princeton Technology Corp PT2256 Datasheet HTML 3Page - Princeton Technology Corp PT2256 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electronic Volume Controller IC
PT2256
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2256 v1.3
3
Updated Sept. 2000
APPLICATION CIRCUIT
Single Power Supply (No Loudness and No Backup Circuit)
L-C h O u tput
L-C h In pu t
R-Ch O utp u t
R-Ch Inp ut
Rx
Cx
100
Note: Modifying the values of Rx and Cx affects the Oscillator Frequency of the IC. If the Fosc value is
big, then the volume control change is fast. Likewise, if the Fosc value is small, the volume control
change is slow. It is suggested that Rx= 33K, Cx = 2.2uF. The table for the Rx, Cx and Fosc values are
given below.
x
Rx
Cc
s
o
Fx
Rx
Cc
s
o
F
K
3
3F
u
0
.
1z
H
1
.
4
3K
3
3F
u
0
.
1z
H
1
.
4
3
K
3
3F
u
2
.
2z
H
8
.
7
1K
1
5F
u
0
.
1z
H
7
.
2
2
K
3
3F
u
0
1z
H
4
.
3K
0
0
1F
u
0
.
1z
H
8
.
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com