Electronic Components Datasheet Search
  English  ▼

X  

12EP3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 12EP3
Description  RFI Power Line Filters for Switching Power Supply Noise Suppression
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

12EP3 Datasheet(HTML) 1 Page - Tyco Electronics

  12EP3 Datasheet HTML 1Page - Tyco Electronics 12EP3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFI Power Line Filters for Switching Power Supply Noise Suppression
The EP/VP series of RFI filters has been developed to
reduce conducted noise to acceptable limits for
equipment that must comply with the requirements
of CISPR in Europe and the FCC specifications in the USA.
These filters provide high insertion loss for both line-
to-ground and line-to-line emissions throughout the
frequency range. They are particularly well suited
for equipment to better meet both stringent emissions
specifications (such as CISPR 22, A-level and FCC
Part 15J, Class B) and the EP models meet very low
leakage current requirements.
Tyco Electronics Corcom Products has extended the EP
Series of Power Line Filters by adding a 7 Amp and 12
Amp versions to the existing 3, 6, 10, and 20 Amp product
offering. The new filters offer higher performance in a
smaller package at a lower price than the existing 6 Amp
and 10 Amp versions. The smaller package size and
comparable performance is a better match to Schaffner's
FN 2070 Series. The new filters are RoHS compliant.
Specifications
Maximum leakage current,each line-to-ground
VP Models
EP Models
@ 120 VAC 60 Hz:
.73mA
.21mA
@ 250 VAC 50 Hz:
1.27mA
.36mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
03EP
3A
10EP
10A
06EP
6A
12EP
12A
7EP
7A
20EP/VP
20A
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency–MHz
Rating
.01
.05 .15
.5
1
5
10
30
EP
3A
1
10
58
65
65
66
60
25
6A,10A
1
10
58
65
65
66
60
25
7A
15
28
63
75
78
75
75
55
12A
12
7
52
68
70
70
70
45
20A
3
6
28
50
55
60
55
55
VP
20A
3
2
42
60
65
65
55
55
Line-to-line in 50 ohm circuit
Current
Frequency–MHz
Rating
.01
.15
.5
1
5
10
20
30
EP
3A
1
36
65
65
65
65
58
58
6A,10A
1
30
65
65
65
65
35
35
7A
10
43
55
65
68
70
65
50
12A
11
7
13
70
70
70
65
45
20A
8
25
60
65
65
58
58
58
VP
20A
8
25
60
65
65
58
58
58
56
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EP/VP Series
EP/VP Series
CORCOM Product Guide
Electrical Schematic
Resistor location for reference only.
LINE
LOAD
EP1/VP1
EP7/VP7
EP3/VP3
Recommended Panel Cutout
A
Tapped insert:
D
E
No. 6-32 x 1/4 (2)-EP7
No. M-3 x .5 (2)-EP7M
C
B
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
Panel Cutout (back mount)
Tolerance ±.005 [0.13]
UL Recognized
CSA Certified
VDE Approved
EP3/VP3


Similar Part No. - 12EP3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
12EP3 MACOM-12EP3 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
logo
TE Connectivity Ltd
12EP3 TEC-12EP3 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results

Similar Description - 12EP3

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
RFI Power Line Filters
logo
Tyco Electronics
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
High Performance RFI Filters for Switching Power Supply
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
3EP1 MACOM-3EP1_11 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
VP1 TEC-VP1 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com