Electronic Components Datasheet Search
  English  ▼

X  

1552 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1552
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1552 Datasheet(HTML) 2 Page - 3M Electronics

  1552 Datasheet HTML 1Page - 3M Electronics 1552 Datasheet HTML 2Page - 3M Electronics 1552 Datasheet HTML 3Page - 3M Electronics 1552 Datasheet HTML 4Page - 3M Electronics 1552 Datasheet HTML 5Page - 3M Electronics 1552 Datasheet HTML 6Page - 3M Electronics 1552 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Latch/Eject Header
2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
1552 Series
TS-2199-F
Sheet 2 of 4
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Ordering Information
1552XX-6X0X-XX
Latching:
2 = Latch, molded on skt with latching ear
3 = Latch, press on skt
4 = Latch, 2 mm SCI Carrier Only
Note: See Chart 1 (sheet 4) for latching availability
Solder Tail Length:
Dimension "E"
2 = .112" [ 2.84 ]
3 = .155" [ 3.94 ]
Plating Options:
RB = 30 μ" [ 0.76 μm ] Gold
RA = 10 μ" [ 0.25 μm ] Gold
(RIA E1 & C1 apply) (both platings)
Contact Quantity
(See Table)
.18
4.6
REF.
.59
15.1
REF.
1552XX-X3XX
Latch mating to
press-on socket
.29
7.4
.18
4.6
REF.
1552XX-X2XX
Latch mating to
molded-on socket with
latching ear
.22
5.5
.59
15.1
REF.
PC Board Footprint
DIM. "A"
.247
6.27
.425
10.80
.26
6.7
.15
3.8
DIM. "D"
DIM. "E" ±.01
[DIM. "E"] ±0.25
.079
2.00
.079
2.00
.163
4.14
POSITION #1
ORIENTATION
TRIANGLE
.020
0.51
SQ.
DIM. "B"
.079 ±.003
2.00 ±0.08
.079 ±.003
2.00 ±0.08
O .032 ±.003
0.81 ±0.08
AFTER PLATING
DIM. "B"
.787
20.00
See Chart 1 for latch availability.
See Chart 1 for latch availability.
Straight
Note: SeeChart 1 (sheet 4) for dimensions A, B, D
.28
7.11
REF.
.76
19.3
REF.
1552XX-X4XX
Latch mating to
SCI Carrier
.44
11.2
See Chart 1 for latch availability.
.18
4.6
REF.
.59
15.1
REF.
1552XX-X3XX
Latch mating to
press-on socket
.29
7.4
.18
4.6
REF.
1552XX-X2XX
Latch mating to
molded-on socket with
latching ear
.22
5.5
.59
15.1
REF.
PC Board Footprint
DIM. "A"
.247
6.27
.425
10.80
.26
6.7
.15
3.8
DIM. "D"
DIM. "E" ±.01
[DIM. "E"] ±0.25
.079
2.00
.079
2.00
.163
4.14
POSITION #1
ORIENTATION
TRIANGLE
.020
0.51
SQ.
DIM. "B"
.079 ±.003
2.00 ±0.08
.079 ±.003
2.00 ±0.08
O .032 ±.003
0.81 ±0.08
AFTER PLATING
DIM. "B"
.787
20.00
See Chart 1 for latch availability.
See Chart 1 for latch availability.
DIM. "A"
.247
6.27
DIM. "D"
.079
2.00
.079
2.00
.163
4.14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com