Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder???
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2268 Datasheet HTML 1Page - Princeton Technology Corp PT2268 Datasheet HTML 2Page - Princeton Technology Corp PT2268 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Encoder
PT2268
PT2268 v 2.4
Page 3
Revised March 1999
PT2268 IR Transmitter Application Circuit
Notes: 1. C3 (default value) = 1. For more details, please refer to Start Word Custom Code
Section.
2. Resistor ( R ) is the Current Limit Impedance whose value must be greater than 220
Ohms. Resistor ( R ) Recommended Value = 1 K Ohms
Layout Note: Place 47uF capacitor as near as possible to the PT2268's Vss Pin.
I1
I2
I3
I4
I5
I6
I7
I8
V c c
O S C 1
O S C 2
TX OU T
C 4
C 5
C 6
V ss
220P F
R
PN P
4 7uF ( see La yo ut N o te )
220P F
+
_
3V
B a ttery
IR L E D
2 O h m s
P T 2268
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com