Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPRG4
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5926IPWPRG4 Datasheet HTML 1Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 2Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 3Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 4Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 5Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 6Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 7Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 8Page - Texas Instruments TLC5926IPWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SDO
VDD
R-EXT
OE(ED2)
LE(ED1)
CLK
SDI
CONTROL
LOGIC
I/O REGULATOR
CONFIGURATION
LATCHES
OUTPUT DRIVER and
ERROR DETECTION
16-BIT SHIFT
REGISTER
8
16
8
16
16
16
OUT15
OUT14
OUT0
OUT1
16-BIT OUTPUT
LATCH
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TLC5926IPWPR
Y5926
PowerPAD™ – PWP
Reel of 2000
TLC5927IPWPR
Y5927
TLC5926IDWR
TLC5926I
–40°C to 85°C
W-SOIC – DW
Reel of 2000
TLC5927IDWR
TLC5927I
TLC5926IDBQR
TLC5926I
SSOP – DBQ
Reel of 2000
TLC5927IDBQR
TLC5927I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com