Electronic Components Datasheet Search
  English  ▼

X  

PT2272 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2272
Description  Remote Control Decoder?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2272 Datasheet HTML 1Page - Princeton Technology Corp PT2272 Datasheet HTML 2Page - Princeton Technology Corp PT2272 Datasheet HTML 3Page - Princeton Technology Corp PT2272 Datasheet HTML 4Page - Princeton Technology Corp PT2272 Datasheet HTML 5Page - Princeton Technology Corp PT2272 Datasheet HTML 6Page - Princeton Technology Corp PT2272 Datasheet HTML 7Page - Princeton Technology Corp PT2272 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Decoder
PT 2272
PT2272 v 3.4
Page 1
Revised August 1999
PT 2272 is a remote control decoder paired with PT 2262 utilizing CMOS
Technology. It has 12 bits of tri-state address pins providing a maximum of
531,441 (or 3
12) address codes; thereby, drastically reducing any code collision
and unauthorized code scanning possibilities. PT 2272 is available in several
options to suit every application need : variable number of data output pins, latch
or momentary output type.
❒
CMOS Technology
❒
Low Power Consumption
❒
Very High Noise Immunity
❒
Up to 12 Tri-State Code Address Pins
❒
Up to 6 Data Pins
❒
Wide Range of Operating Voltage: Vcc = 4 ~ 15 Volts
❒
Single Resistor Oscillator
❒
Latch or Momentary Output Type
❒
Available in DIP and SO Package
❒
Car Security System
❒
Garage Door Controller
❒
Remote Control Fan
❒
Home Security/Automation System
❒
Remote Control Toys
❒
Remote Control for Industrial Use


Similar Part No. - PT2272

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272 Datasheet
543Kb / 22P
Remote Control Decoder
logo
Silvan Chip Electronics...
PT2272 SILVAN-PT2272 Datasheet
65Kb / 3P
Low power consumption
logo
Princeton Technology Co...
PT2272-L2 PTC-PT2272-L2 Datasheet
543Kb / 22P
Remote Control Decoder
PT2272-L3 PTC-PT2272-L3 Datasheet
543Kb / 22P
Remote Control Decoder
PT2272-L3S PTC-PT2272-L3S Datasheet
543Kb / 22P
Remote Control Decoder
More results

Similar Description - PT2272

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
Remote Control Decoder IC
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com