Electronic Components Datasheet Search
  English  ▼

X  

6EDL1SC Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6EDL1SC
Description  Power Entry Module with RFI Power Line Filter for General or Medical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EDL1SC Datasheet(HTML) 2 Page - Tyco Electronics

  6EDL1SC Datasheet HTML 1Page - Tyco Electronics 6EDL1SC Datasheet HTML 2Page - Tyco Electronics 6EDL1SC Datasheet HTML 3Page - Tyco Electronics 6EDL1SC Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
119
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
L Series
CORCOM Product Guide
Power Entry Module with RFI Power Line Filter for General
or Medical Applications (Continued)
Hot
Neutral
Note 1
H
Ground
G
On/Off
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Cutomer
Transformer
Primaries
Electrical Schematics
DL Models (with switch)
Hot
Neutral
Note 1
G
Ground
H
On/Off
Note 2
Customer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F
HL Models (with 4-voltage selection)
Hot
Neutral
Note 1
G
Ground
H
On/Off
Note 2
Cutomer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F
DL Models (with 4-voltage selection)
Note 1:
Provision for dual European style fusing.
Note 2:
On/Off switch present only with "S" suffix.
Resistor location for reference only.
Hot
Neutral
Note 1
H
Ground
G
On/Off
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Customer
Transformer
Primaries
HL Models (with switch)
Specifications
Maximum leakage current, each line-to-ground:
EDL
EHL
Models
Models
@120 VAC 60 Hz:
0.25 mA
2 µA
@250 VAC 50 Hz:
0.50 mA
5 µA
Hipot rating (one minute):
line-to-ground
1500
1500
line-to-line
1450
1450
Operating frequency:
50/60 Hz
Operating voltages:
1S & 1SC Suffix (fixed):
250 VAC Max.
4 & 4C Suffix (selectable):
100, 120, 220, 240 VAC
Rated current:
2EDL & 2EHL
2A
4EDL & 4EHL
4A
6EL, 6EDL & 6EHL
6A
Switch:
Double-insulated, rated
for 10,000 operations at full
load. 51 Amp inrush capability.
Fuse (not included):
Accepts one .25" x 1.25" fuse
or two 5 x 20 mm fuses
Terminals:
110 [2.79] except for switch
.187 [4.8] for switch
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.05
.15
1
5
10
30
EDL Models
2A
6
14
24
40
45
50
4A
2
8
18
32
38
45
6A
1
6
17
31
37
45
EHL Models
06A
3
8
15
18
18
18
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.05
.5
1
3
5
10
30
EDL Models
2A
7
16
21
23
37
47
50
4A
6
14
18
23
26
45
47
6A
6
15
20
25
24
45
50
EHL Models
06A
4
14
20
28
32
38
42



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com