Electronic Components Datasheet Search
  English  ▼

X  

5EFM1SC Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5EFM1SC
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5EFM1SC Datasheet(HTML) 2 Page - Tyco Electronics

  5EFM1SC Datasheet HTML 1Page - Tyco Electronics 5EFM1SC Datasheet HTML 2Page - Tyco Electronics 5EFM1SC Datasheet HTML 3Page - Tyco Electronics 5EFM1SC Datasheet HTML 4Page - Tyco Electronics 5EFM1SC Datasheet HTML 5Page - Tyco Electronics 5EFM1SC Datasheet HTML 6Page - Tyco Electronics 5EFM1SC Datasheet HTML 7Page - Tyco Electronics 5EFM1SC Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
125
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series
Fuse Options
European Fusing Arrangement**
North American Fusing Arrangement**
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
**Install fuses on one side only. Do Not install both AG and Metric fuses at
the same time.
Voltage Selection
To change selected voltage: open cover, using small
blade screwdriver or similar tool; set aside cover/fuse
block assembly; pull voltage selector card straight out of
housing, using indicator pin; orient selector card so that
desired voltage is readable at the bottom; orient indicator
pin to point up when desired voltage is readable at bottom
(note that when indicator pin is fixed, successive voltages
are selected by rotating the card 90° clockwise); insert
voltage selector card into housing, printed side of card
facing forward toward IEC connector and edge containing
the desired voltage first; replace cover, and verify that
indicator pin shows the desired voltage.
Voltage Selector Card Orientation
0
0
2
2
1
1
0
0
0
0
4
4
2
2
0
0
0
0
1
1
0
0
0
0
2
2 3
3
100V
120V
230V
240V
Removing the Fuse Holder
A
A
Section A-A
"X"
Lift Up
1. Insert a pocket screwdriver at point “X” as shown.
Gently lift UP until the entire door lifts up approximately
1/4" (minimum).
2. Once lifted, the door will pivot on it’s hinges and
expose the fuse holder.
3. When the fuse holder is installed in the single fuse
position, apply the screwdriver as shown and gently
pry up. Use screwdriver as shown, do not use fingers.
When the fuse holder is installed in the dual fuse
position, it will normally release as soon as the
door is opened.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com