Electronic Components Datasheet Search
  English  ▼

X  

6VM4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6VM4
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM4 Datasheet(HTML) 3 Page - Tyco Electronics

  6VM4 Datasheet HTML 1Page - Tyco Electronics 6VM4 Datasheet HTML 2Page - Tyco Electronics 6VM4 Datasheet HTML 3Page - Tyco Electronics 6VM4 Datasheet HTML 4Page - Tyco Electronics 6VM4 Datasheet HTML 5Page - Tyco Electronics 6VM4 Datasheet HTML 6Page - Tyco Electronics 6VM4 Datasheet HTML 7Page - Tyco Electronics 6VM4 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
126
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
Electrical Schematics – Unfiltered Models
VM (1-Voltage)
K
L
G
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Customer
Transformer Primaries
L
K
120V
VM (2-Voltage)
B
D
E
F
A
C
D
E
F
HB
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
Note 4
120V
240V
Customer
Transformer Primaries
L
L
K
K
C
F
A
120V
120V
120V
120V
VM (4-Voltage)
A
C
D
E
F
A
C
D
E
F
H
B
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
120V
100V
230V
240V
Customer
Transformer Primaries
L
K
20V
100V
120V
Note 1:
Jumpers required if no input filter is used.
Note 2:
Provision for dual European style fusing.
Note 3:
On/off switch present only with "S" suffix.
Note 4:
When using a center-tapped transformer, the C-F winding should
be the low voltage (high current) winding and must be capable of
handling the full primary current in the 120V position.
Specifications
Maximum leakage current,each line-to-ground
HM
FM
XM/ZM
@ 120 VAC 60 Hz:
2
µA
.25 mA
.30 mA
@ 250 VAC 50 Hz:
5
µA
.50 mA
.50 mA
Hipot rating (one minute):
line-to-ground:
1500 VAC
line-to-line
1450 VDC
line-to-load (switch off) Unfiltered only
2500 VAC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Operating voltages:
100, 120, 220/ 240 VAC
Switch:
Double-insulated, rated for
100,000 operations at full load
at 70 Amps inrush current.
Fuse (not included):
Reversible fuseholder, accepts
one 1/4" x 1-1/4" fuse
or two 5 x 20 mm fuses
Terminals:
.110 [2.79] terminals
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.15
.5
1
5
10
30
HM
5A
-
-
14
18
19
22
22
17
FM
05A
-
-
14
21
26
40
45
40
XM
3A
2
13
23
40
46
44
44
44
ZM
3A
15
29
39
46
43
40
40
40
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.02 .03 .05 .07 .15
.5
1
5
10
30
XM
03A
-
-
-
5
34
62 68 60 50
40
ZM
3A
5
13
28
37
55
75 75 62 54
44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com