Electronic Components Datasheet Search
  English  ▼

X  

6VM4S Datasheet(PDF) 8 Page - Tyco Electronics

Part # 6VM4S
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM4S Datasheet(HTML) 8 Page - Tyco Electronics

  6VM4S Datasheet HTML 1Page - Tyco Electronics 6VM4S Datasheet HTML 2Page - Tyco Electronics 6VM4S Datasheet HTML 3Page - Tyco Electronics 6VM4S Datasheet HTML 4Page - Tyco Electronics 6VM4S Datasheet HTML 5Page - Tyco Electronics 6VM4S Datasheet HTML 6Page - Tyco Electronics 6VM4S Datasheet HTML 7Page - Tyco Electronics 6VM4S Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
131
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
M Series
CORCOM Product Guide
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
FILTERED MODELS
Part
RFI
Current Rating
Current Rating
Available Voltage
DPST
Mounting
Number
Filter
@120VAC
@250VAC
Selection
On/Off
Style
Type
(Amps)
(Amps)
Positions
†
Switch
3EXM1S
SMPS FCC-B1
32
1
••
Flange
3EXM4
SMPS FCC-B1
3
2
4
Flange
3EXM4S
SMPS FCC-B1
3
24
••
Flange
3EZM1S
SMPS EN55022-B2
3
21
••
Flange
3EZM4
SMPS EN55022-B2
3
2
4
Flange
3EZM4S
SMPS EN55022-B2
32
4
••
Flange
5EHM1
Medical3
5
4
1
Flange
5EHM1S
Medical3
54
1
••
Flange
5EHM4
Medical3
5
4
4
Flange
5EHM4S
Medical3
54
4
••
Flange
5EFM1
General Purpose‡
5
4
1
Flange
5EFM1C
General Purpose‡
5
4
1
Snap-in
5EFM1S
General Purpose‡
54
1
••
Flange
5EFM1SC
General Purpose‡
5
4
1
••
Snap-in
5EFM4
General Purpose‡
5
4
4
Flange
5EFM4C
General Purpose‡
5
4
4
Snap-in
5EFM4S
General Purpose‡
54
4
••
Flange
5EFM4SC
General Purpose‡
5
44
••
Snap-in
•• Includes DPST switch
UNFILTERED MODELS
Part
Current Rating
Current Rating
Available Voltage
DPST
Mounting
Number
@120VAC
250VAC
Selection
On/Off
Style
(Amps)
(Amps)
Position
†
Switch
6VM1
6
6
1
Flange
6VM1C
6
6
1
Snap-in
6VM1S
6
4
1
••
Flange
6VM1SC
6
4
1
••
Snap-in
6VM2
6
6
2
Flange
6VM2S
6
62
••
Flange
6VM4
6
6
4
Flange
6VM4C
6
6
4
Snap-in
6VM4S
6
4
4
••
Flange
6VM4SC
6
4
4
••
Snap-in
•• Includes DPST switch
† 1-120V/240V Fixed, 2 - 120/240V Selectable, 4- 100, 120, 230, 240V selectable
1 Emissions filter for switching power supply applications where FCC-B level requirements must be met
2 Emissions filter for switching power supply applications where En5502-B level requirements must be met
3 Medical filter for very low leakage UL544, UL2601 and EN60601 health care applications
‡ General purpose filer for susceptibility applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com