Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 165Page - ATMEL Corporation AT90USB82 Datasheet HTML 166Page - ATMEL Corporation AT90USB82 Datasheet HTML 167Page - ATMEL Corporation AT90USB82 Datasheet HTML 168Page - ATMEL Corporation AT90USB82 Datasheet HTML 169Page - ATMEL Corporation AT90USB82 Datasheet HTML 170Page - ATMEL Corporation AT90USB82 Datasheet HTML 171Page - ATMEL Corporation AT90USB82 Datasheet HTML 172Page - ATMEL Corporation AT90USB82 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 306 page
background image
169
7707E–AVR–11/08
AT90USB82/162
17.10.5 USART Control and Status Register n D – UCSRnD
• Bits 1 – CTSEN : USART CTS Enable
Set this bit to one by firmware to enable the transmission flow control (CTS). Transmission is
allowed if CTS = 0.
Set this bit to zero by firmware to disable the transmission flow control (CTS). Transmission is
always allowed.
• Bits 0 – RTSEN : USART RTS Enable
Set this bit to one by firmware to enable the receive flow control (RTS).
Set this bit to zero by firmware to disable the receive flow control (RTS).
17.10.6 USART Baud Rate Registers – UBRRLn and UBRRHn
• Bit 15:12 – Reserved Bits
These bits are reserved for future use. For compatibility with future devices, these bit must be
written to zero when UBRRH is written.
• Bit 11:0 – UBRR11:0: USART Baud Rate Register
This is a 12-bit register which contains the USART baud rate. The UBRRH contains the four
most significant bits, and the UBRRL contains the eight least significant bits of the USART baud
rate. Ongoing transmissions by the Transmitter and Receiver will be corrupted if the baud rate is
changed. Writing UBRRL will trigger an immediate update of the baud rate prescaler.
17.11 Examples of Baud Rate Setting
For standard crystal and resonator frequencies, the most commonly used baud rates for asyn-
chronous operation can be generated by using the UBRR settings in Table 17-9 to Table 17-12.
UBRR values which yield an actual baud rate differing less than 0.5% from the target baud rate,
are bold in the table. Higher error ratings are acceptable, but the Receiver will have less noise
resistance when the error ratings are high, especially for large serial frames (see “Asynchronous
Operational Range” on page 161). The error values are calculated using the following equation:
Bit
765
4
3
2
1
0
-
-
-
-
-
-
CTSEN
RTSEN
UCSRnD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
1514131211109
8
–
–
–
–
UBRR[11:8]
UBRRHn
UBRR[7:0]
UBRRLn
76
54
32
10
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
00
00
00
00
Error[%]
BaudRateClosest Match
BaudRate
--------------------------------------------------------
1
–
⎝⎠
⎛⎞ 100%
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com