Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 54Page - ATMEL Corporation AT90USB82 Datasheet HTML 55Page - ATMEL Corporation AT90USB82 Datasheet HTML 56Page - ATMEL Corporation AT90USB82 Datasheet HTML 57Page - ATMEL Corporation AT90USB82 Datasheet HTML 58Page - ATMEL Corporation AT90USB82 Datasheet HTML 59Page - ATMEL Corporation AT90USB82 Datasheet HTML 60Page - ATMEL Corporation AT90USB82 Datasheet HTML 61Page - ATMEL Corporation AT90USB82 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 306 page
background image
58
7707E–AVR–11/08
AT90USB82/162
• Bit 7-4 - Reserved bits
These bits are reserved and will always read as zero.
• Bit 3 - WDEWIF: Watchdog Early Warning Interrupt Flag
This bit is set when a first time-out occurs in the Watchdog Timer and if the WDEWIE bit is
enabled. WDEWIF is automatically cleared by hardware when executing the corresponding
interrupt handling vector. Alternatively, WDIF can be cleared by writing a logic one to the flag.
When the I-bit in SREG and WDEWIE are set, the Watchdog Time-out Interrupt is executed.
• Bit 2 - WDEWIE: Watchdog Early Warning Interrupt Enable
When this bit has been set by software, an interrupt will be generated on the watchdog interrupt
vector when the Early warning flag is set to one by hardware.
• Bit 1:0 - WCLKD[1:0]: Watchdog Timer Clock Divider
– WCLKD = 0 : ClkWDT = Clk128k
– WCLKD = 1 : ClkWDT = Clk128k / 3
– WCLKD = 2 : ClkWDT = Clk128k / 5
– WCLKD = 3 : ClkWDT = Clk128k / 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com