Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 183 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 179Page - ATMEL Corporation AT90USB82 Datasheet HTML 180Page - ATMEL Corporation AT90USB82 Datasheet HTML 181Page - ATMEL Corporation AT90USB82 Datasheet HTML 182Page - ATMEL Corporation AT90USB82 Datasheet HTML 183Page - ATMEL Corporation AT90USB82 Datasheet HTML 184Page - ATMEL Corporation AT90USB82 Datasheet HTML 185Page - ATMEL Corporation AT90USB82 Datasheet HTML 186Page - ATMEL Corporation AT90USB82 Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 306 page
background image
183
7707E–AVR–11/08
AT90USB82/162
19. USB controller
19.1 Features
• Support full-speed
• Support ping-pong mode (dual bank), with transparent switch
• 176 bytes of DPRAM
– 1 endpoint of 64 bytes max, (default control endpoint)
– 2 endpoints of 64 bytes max, (one bank)
– 2 endpoints of 64 bytes max, (one or two banks)
19.2 Block Diagram
The USB controller provides the hardware to interface a USB link to a data flow stored in a dou-
ble port memory (DPRAM).
The USB controller requires a 48 MHz ±0.25% reference clock (for Full-speed compliance),
which is the output of an internal PLL. The PLL generates the internal high frequency (48 MHz)
clock for USB interface, the PLL input is generated from an external lower frequency (the crystal
oscillator or external clock input pin from XTAL1, to satisfy the USB frequency accuracy and jitter
; only this clock source allows proper functionnality of the USB controller).
The 48MHz clock is used to generate a 12 MHz Full-speed bit clock from the received USB dif-
ferential data and to transmit data according to full speed USB device tolerance. Clock recovery
is done by a Digital Phase Locked Loop (DPLL) block, which is compliant with the jitter specifica-
tion of the USB bus.
To comply the USB Electrical characteristics, USB Pads (D+ or D-) should be powered within
the 3.0 to 3.6V range. As AT90USB82/162 can be powered up to 5.5V, the internal regulator
provides the USB pads power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com