Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 240 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 240 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 236Page - ATMEL Corporation AT90USB82 Datasheet HTML 237Page - ATMEL Corporation AT90USB82 Datasheet HTML 238Page - ATMEL Corporation AT90USB82 Datasheet HTML 239Page - ATMEL Corporation AT90USB82 Datasheet HTML 240Page - ATMEL Corporation AT90USB82 Datasheet HTML 241Page - ATMEL Corporation AT90USB82 Datasheet HTML 242Page - ATMEL Corporation AT90USB82 Datasheet HTML 243Page - ATMEL Corporation AT90USB82 Datasheet HTML 244Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 306 page
background image
240
7707E–AVR–11/08
AT90USB82/162
The different BOOTSZ Fuse configurations are shown in Figure 23-2.
Note:
1. For details about these two section, see “NRWW – No Read-While-Write Section” on page
226 and “RWW – Read-While-Write Section” on page 226.
Note:
1. Z0: should be zero for all SPM commands, byte select for the (E)LPM instruction.
See “Addressing the Flash During Self-Programming” on page 233 for details about the use of
Z-pointer during Self-Programming.
Table 23-9.
Read-While-Write Limit(1)
Device
Section
Pages
Address
16K
Read-While-Write section (RWW)
96
0x0000 - 0x2FFF
No Read-While-Write section (NRWW)
32
0x3000 - 0x3FFF
8K
Read-While-Write section (RWW)
32
0x0000 - 0x0FFF
No Read-While-Write section (NRWW)
32
0x1000 - 0x1FFF
Table 23-10. Explanation of different variables used in Figure 23-4 and the mapping to the Z-
pointer
Variable
Corresponding
Z-value
Description(1)
PCMSB
12
Most significant bit in the Program Counter. (The
Program Counter is 13 bits PC[12:0])
PAGEMSB
5
Most significant bit which is used to address the
words within one page (64 words in a page
requires six bits PC [5:0]).
ZPCMSB
Z13
Bit in Z-pointer that is mapped to PCMSB.
Because Z0 is not used, the ZPCMSB equals
PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-pointer that is mapped to PCMSB.
Because Z0 is not used, the ZPAGEMSB equals
PAGEMSB + 1.
PCPAGE
PC[12:6]
Z13:Z7
Program Counter page address: Page select,
for Page Erase and Page Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select,
for filling temporary buffer (must be zero during
Page Write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com