Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 286 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 286 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 282Page - ATMEL Corporation AT90USB82 Datasheet HTML 283Page - ATMEL Corporation AT90USB82 Datasheet HTML 284Page - ATMEL Corporation AT90USB82 Datasheet HTML 285Page - ATMEL Corporation AT90USB82 Datasheet HTML 286Page - ATMEL Corporation AT90USB82 Datasheet HTML 287Page - ATMEL Corporation AT90USB82 Datasheet HTML 288Page - ATMEL Corporation AT90USB82 Datasheet HTML 289Page - ATMEL Corporation AT90USB82 Datasheet HTML 290Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 306 page
background image
286
7707E–AVR–11/08
AT90USB82/162
Figure 27-30. BOD Voltage (4.3V level) vs. Temperature
27.12 Watchdog Timer Frequency
Figure 27-31. WDT Oscillator Frequency vs. Vcc
3.48
3.49
3.5
3.51
3.52
3.53
3.54
3.55
3.56
3.57
3.58
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Vcc Rise
Vcc Fall
3.58
3.59
3.6
3.61
3.62
3.63
3.64
3.65
3.66
3.67
3.68
3.69
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Vcc Rise
Vcc Fall
3.98
4
4.02
4.04
4.06
4.08
4.1
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Vcc Rise
Vcc Fall
4.28
4.3
4.32
4.34
4.36
4.38
4.4
4.42
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Vcc Rise
Vcc Fall
114
116
118
120
122
124
126
128
22.533.5
44.555.5
V
CC (V)
85
25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com