Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 302 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 298Page - ATMEL Corporation AT90USB82 Datasheet HTML 299Page - ATMEL Corporation AT90USB82 Datasheet HTML 300Page - ATMEL Corporation AT90USB82 Datasheet HTML 301Page - ATMEL Corporation AT90USB82 Datasheet HTML 302Page - ATMEL Corporation AT90USB82 Datasheet HTML 303Page - ATMEL Corporation AT90USB82 Datasheet HTML 304Page - ATMEL Corporation AT90USB82 Datasheet HTML 305Page - ATMEL Corporation AT90USB82 Datasheet HTML 306Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 302 / 306 page
background image
3
7707E–AVR–11/08
AT90USB82/162
14.8 8-bit Timer/Counter Register Description ..........................................................100
15
16-bit Timer/Counter 1 with PWM ....................................................... 107
15.1 Overview ............................................................................................................107
15.2 Accessing 16-bit Registers ................................................................................109
15.3 Timer/Counter Clock Sources ...........................................................................112
15.4 Counter Unit ......................................................................................................113
15.5 Input Capture Unit .............................................................................................114
15.6 Output Compare Units .......................................................................................116
15.7 Compare Match Output Unit ..............................................................................118
15.8 Modes of Operation ...........................................................................................119
15.9 Timer/Counter Timing Diagrams .......................................................................126
15.10 16-bit Timer/Counter Register Description ......................................................128
16
Serial Peripheral Interface – SPI ......................................................... 137
16.1 SS Pin Functionality ..........................................................................................141
16.2 Data Modes .......................................................................................................144
17
USART ................................................................................................... 146
17.1 Overview ............................................................................................................146
17.2 Clock Generation ...............................................................................................147
17.3 Frame Formats ..................................................................................................150
17.4 USART Initialization ...........................................................................................152
17.5 Data Transmission – The USART Transmitter ..................................................153
17.6 Data Reception – The USART Receiver ...........................................................155
17.7 Asynchronous Data Reception ..........................................................................159
17.8 Multi-processor Communication Mode ..............................................................162
17.9 Hardware Flow Control ......................................................................................163
17.10 USART Register Description ...........................................................................165
17.11 Examples of Baud Rate Setting .......................................................................169
18
USART in SPI Mode ............................................................................. 173
18.1 Overview ............................................................................................................173
18.2 Clock Generation ...............................................................................................174
18.3 SPI Data Modes and Timing ..............................................................................175
18.4 Frame Formats ..................................................................................................175
18.5 Data Transfer .....................................................................................................177
18.6 USART MSPIM Register Description ................................................................179
18.7 AVR USART MSPIM vs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com