Electronic Components Datasheet Search
  English  ▼

X  

CS4354 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4354
Description  5 V Stereo DAC with 2 VRMS Ground-centered Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4354 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4354 Datasheet HTML 17Page - Cirrus Logic CS4354 Datasheet HTML 18Page - Cirrus Logic CS4354 Datasheet HTML 19Page - Cirrus Logic CS4354 Datasheet HTML 20Page - Cirrus Logic CS4354 Datasheet HTML 21Page - Cirrus Logic CS4354 Datasheet HTML 22Page - Cirrus Logic CS4354 Datasheet HTML 23Page - Cirrus Logic CS4354 Datasheet HTML 24Page - Cirrus Logic CS4354 Datasheet HTML 25Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
DS895A2
CS4354
7. PACKAGE INFORMATION
7.1
Dimensions
7.2
Thermal Characteristics
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.0590
-
0.0708
1.397
-
1.549
A1
0.0040
-
0.0098
0.102
-
0.249
b
0.0138
-
0.0200
0.351
-
0.508
C
0.0075
-
0.0098
0.190
-
0.250
D
0.3380
-
0.3440
8.585
-
8.738
E
0.1520
-
0.1574
3.861
-
3.998
e
-
0.050 BSC
-
-
1.270 BSC
-
H
0.2300
-
0.2440
5.842
-
6.198
L
0.0160
-
0.0350
0.406
-
0.889
0°
-
8°
0°
-
8°
JEDEC #: MS-012
Controling Dimension is Millimeters
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
JA
-
-
110
86
-
-
°C/Watt
e
14L SOIC (150 MIL BODY) PACKAGE DRAWING
D
H
E
b
A1
A
c
L
SEATING
PLANE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com