Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 2 Page - AVX Corporation

Part # X8R
Description  X8R/X8L Dielectric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

X8R Datasheet(HTML) 2 Page - AVX Corporation

  X8R Datasheet HTML 1Page - AVX Corporation X8R Datasheet HTML 2Page - AVX Corporation X8R Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15
X8R/X8L Dielectric
General Specifications
• All market sectors with a 150°C requirement
• Automotive on engine applications
• Oil exploration applications
• Hybrid automotive applications
– Battery control
– Inverter / converter circuits
– Motor control applications
– Water pump
• Hybrid commercial applications
– Emergency circuits
– Sensors
– Temperature regulation
ADVANTAGES OF X8R AND X8L MLC CAPACITORS
• Both ranges are qualified to the highest automotive
AEC-Q200 standards
• Excellent reliability compared to other capacitor
technologies
• RoHS compliant
• Low ESR / ESL compared to other technologies
• Tin solder finish
• FLEXITERM® available
• Epoxy termination for hybrid available
• 100V range available
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
-55 -35 -15
0
20
25
35
45
65
85 105 125 130 135 140 150
Temperature (°C)
X8R/X8L Dielectric
0805, 50V, X8R/X8L Typical Temperature Coefficient
X8R
X8L
ENGINEERING TOOLS FOR HIGH VOLTAGE MLC CAPACITORS
• Samples
• Technical Articles
• Application Engineering
• Application Support
APPLICATIONS FOR X8R AND X8L CAPACITORS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com