Electronic Components Datasheet Search
  English  ▼

X  

PT233 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT233
Description  Analog Function Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT233 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT233 Datasheet HTML 1Page - Princeton Technology Corp PT233 Datasheet HTML 2Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PT233 v 1.1
Page 1
Updated April 2000
Analog Function Switch
PT233
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Description
PT233 is a feather touch function analog switch utilizing CMOS Technology. It features a mute output
to prevent “POP” Noise during the switching time, built-in analog switches and allows direct LED drive
for status Display and others through the built-in current buffer transistor. The Control System and
Analog Switch are operated by a single power supply. Pin assignments and application
circuit are optimized for easy PCB Layout as well as cost saving advantage.
Features
• CMOS Technology
• Low Power Consumption
• High Noise Immunity
• Least External Components
• Muting Output is Available
• Built-in Large Current Buffer Transistor
Applications
• Audio System
• Hi-Fi Stereo System
Pin Configuration
SIG -L1
SIG -R1
SIG -R2
SIG -R3
SIG -R4
SIG -R5
COM -R
VSS1
IN H
OS C
OP T
MU T E
SIG -L2
SIG -L3
SIG -L4
SIG -L5
COM -L
VSS2


Similar Part No. - PT233

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
PT2334-LQ PTC-PT2334-LQ Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results

Similar Description - PT233

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
ANALOG FUNCTION SWITCH
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
ANALOG FUNCTION SWITCH?
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
ANALOG FUNCTION SWITCH???
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
Analog Function Switch
LC78211 SANYO-LC78211 Datasheet
115Kb / 6P
Analog Function Switch
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
Analog Function Switch
logo
ON Semiconductor
ENA4817A ONSEMI-ENA4817A Datasheet
194Kb / 6P
Analog Function Switch
December, 2013
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
ANALOG FUNCTION SWITCH
1994-11-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com