Electronic Components Datasheet Search
  English  ▼

X  

6DAF1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6DAF1
Description  Compact RFI Line Filter with DC Inlet Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6DAF1 Datasheet(HTML) 1 Page - Tyco Electronics

  6DAF1 Datasheet HTML 1Page - Tyco Electronics 6DAF1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact RFI Line Filter with DC Inlet Connector
The DA Series filters were designed as general purpose
line filters for DC applications up to 125VDC. They are
compact with a 3-pin inlet connector. They are available in
3, 6, 10 and 15 amp versions. They are flange mount with
1/4” or PCB terminals.
The DA Series addresses the increasing need for DC rated
filters with a standard DC power inlet. It was designed and
first used for communication oriented customer premises
equipment and central office equipment, but is not
restricted to that. Any internal DC connection within larger
multi-component systems, or external DC connection
between user installed components which require filtering
will benefit. Some examples include desktop servers,
routers, switches, multiplexors, aggregators, concentrators,
process control equipment as well as DC powered
peripheral equipment.
The DA Series mates with a standard MOLEX connector
(HCS Series) which is readily available and better prevents
accidental connection to AC power.
Specifications
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Rated voltage (max):
125 VDC
Operating ambient temperature range
@ rated current Ir :
-10˚C to +55˚C
In an ambient, Ta, higher than +55˚C, the maximum
operating current, Io, is as follows:
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.05 .1 .15 .5
1
3
5
10 30 100 200
0 3A
6
9
11 26 41
48
52
55 46
22
16
0 6A
2
4
6
18 30
37
42
48 42
-
-
10A
-
1
4
8
17
25
30
36 38
21
11
15A
-
-
-
3
5
13
19
25 29
10
14
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.05 .1 .15 .5
1
3
5
10 30 100 200
0 3A
-
4
7
16 18
37
47
50 43
31
36
0 6A
-
4
7
19 21
27
40
53 41
-
-
10A
2
4
6
17 22
23
32
48 38
30
26
15A
-
-
2
17 19
29
33
37 37
31
28
For higher amperage versions, contact Tyco Electronics.
148
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DA Series
DA Series
CORCOM Product Guide
Electrical Schematic
LINE
LOAD
90 - Ta
35
Io = Ir
EN
60 950
UL Recognized
CSA Certified
TUV Approved
DAF1
DAS1
DAFP


Similar Part No. - 6DAF1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6DAF1 MACOM-6DAF1 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
logo
TE Connectivity Ltd
6DAF1 TEC-6DAF1 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
More results

Similar Description - 6DAF1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF-3DZ2 ADAM-TECH-PLF-3DZ2 Datasheet
91Kb / 1P
EMI/RFI POWER LINE FILTERS INLET SOCKET WITH FLANGE MOUNTING
logo
Tyco Electronics
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
3DAF1 MACOM-3DAF1_11 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
logo
TE Connectivity Ltd
DAF1 TEC-DAF1 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
DB8 TEC-DB8 Datasheet
362Kb / 3P
Compact RFI High Current DC Inlet Connection
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
IEC Inlet with Line Filter
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
IEC Power Entry Inlet with Line Filter
FDMM XPPOWER-FDMM Datasheet
471Kb / 3P
IEC Power Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
IEC Power Entry Inlet with Line Filter
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
IEC Power Entry Inlet with Line Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com