Electronic Components Datasheet Search
  English  ▼

X  

6DAFP Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6DAFP
Description  Compact RFI Line Filter with DC Inlet Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6DAFP Datasheet(HTML) 2 Page - Tyco Electronics

  6DAFP Datasheet HTML 1Page - Tyco Electronics 6DAFP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact RFI Line Filter with DC Inlet Connector (Continued)
Case Styles
DAF1
149
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
DA Series
CORCOM Product Guide
E
D
C
A
B
Ground
D
E
0.23 max.
A
C
B
Rear View
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 3.8] (1)
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 3.8] (1)
Typical dimensions:
Mounting holes: .132 [3.35] Dia. (2) with .260 [6.60] Dia. x 90˚C countersunk for
#4 flathead screw.
Pin Size: .031 x .06 ± .003
DAFP
PCB Layout (board viewed from component side)
E
B
A
D
.551
.380 Max.
.537 Ref.
Ground
0.551
13.99
0.520
13.21
0.104
2.64
Center pin to panel
.685±.015
17.40
±.38
Ground
(3 holes)
Recommended Panel Cutout
.140
3.56
.12
3.05
.820
20.8
R
Dia. (2)
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
1.200
30.48
Back Mount
Front Mount
Mating Connectors
CORCOM Part Number:
GA310 - Custom connector assembly with 3, 36” long 18
gauge wires to mate with DA Series filter
MOLEX Component Part Numbers:
03-12-1036
Connector housing to mate with DA Series
18-12-1222
Female Terminal (3 needed per housing)
Red
Green/Yellow
Black
DAS1
DAF
"A"
0.815
20.70
0.188
4.78
(4x)
R
DAS
Panel Thickness
A Dim.±.002
0.031 - 0.052 [.79 - 1.32]
1.260 [32.00]
0.046 - 0.068 [1.17 - 1.73]
1.350 [34.29]
Case Dimensions
ABC
D
E
Part No.
(max)
(max)
(max)
±.010
(max)
± .25
DAF1
2.15
1.12
0.81
1.575
1.98
54.61
28.45
20.57
40.01
50.29
DAS1
1.98
1.10
0.81
0.96*
1.41
50.29
27.94
20.57
24.38
35.81
DAFP
1.54
1.12
0.81
1.575
1.98
39.12
28.45
20.57
40.01
50.29
*represents Max. dimension
Part Numbers
3DAF1
10DAF1
3DAS1
10DAS1
3DAFP
10DAFP
6DAF1
15DAF1
6DAS1
15DAS1
6DAFP
15DAFP
DC Connector No.
GA310



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com