Electronic Components Datasheet Search
  English  ▼

X  

SR4DM Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR4DM
Description  Safety Relay SR4 D/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR4DM Datasheet(HTML) 1 Page - Tyco Electronics

  SR4DM_09 Datasheet HTML 1Page - Tyco Electronics SR4DM_09 Datasheet HTML 2Page - Tyco Electronics SR4DM_09 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Safety Relay SR4 D/M
n 4 pole safety relay with either
2 NO+2 NC or 3 NO+1 NC contacts
n Forcibly guided contacts according to EN 50205
n Rated current 8 A
n Compact design & space efficient
Applications
Emergency shut-off, machine control, elevator and escalator
control, light barrier control
F0244-C
Approvals
V REG.-Nr. 40005334, Z E214024, T968/EL 230.03/07
Technical data of approved types on request
Contact data
Contact configuration
3 NO contacts and 1 NC contact
or
2 NO contacts and 2 NC contacts
Contact set
single contact, forcibly guided
type A according to EN 50205
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
8 A
Maximum breaking capacity AC
2000 VA
Contact material
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Contact ratings
Type
Contact Load*)
Ambient
Cycles
temp. [°C]
EN60947-5-1
SR4D/M
1 NO
IEC 947-5-1 (AC15) utilization category 250 VAC / 3 A
23°C
6,050
SR4D/M
1 NO
IEC 947-5-1 (DC13) utilization category 24 VDC / 3 A
23°C
6,050
*) load on one pole
Coil data
Rated coil voltage range DC coil
5...110 VDC
Operative range to IEC 61810
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.8
0.5
31
+10%
806
006
6
4.5
0.6
45
+10%
800
009
9
6.8
0.9
101
+10%
802
012
12
9.0
1.2
180
+10%
800
015
15
11.3
1.5
281
+10%
801
018
18
13.5
1.8
405
+10%
800
021
21
15.8
2.1
551
+10%
800
024
24
18.0
2.4
720
+10%
800
036
36
27.0
3.6
1620
+10%
800
040
40
30.0
4.0
2000
+10%
800
048
48
36.0
4.8
2880
+10%
800
060
60
45.0
6.0
4500
+10%
800
085
85
63.8
8.5
9031
+10%
800
110
110
82.5
11.0
15125
+10%
800
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - SR4DM_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR4DM MACOM-SR4DM Datasheet
161Kb / 3P
General Purpose Relays
More results

Similar Description - SR4DM_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
Safety Relay SR6 D/M
2-1415055-1 MACOM-2-1415055-1 Datasheet
553Kb / 3P
Force Guided Relay SR4 D/M
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
logo
TE Connectivity Ltd
SR4 TEC-SR4 Datasheet
311Kb / 3P
Force Guided Relay SR4 D/M
SR4D TEC-SR4D Datasheet
311Kb / 3P
Force Guided Relay SR4 D/M
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com