Electronic Components Datasheet Search
  English  ▼

X  

2SC4081RT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC4081RT1
Description  General Purpose Amplifier Transistor NPN Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4081RT1 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC4081RT1 Datasheet HTML 1Page - ON Semiconductor 2SC4081RT1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 4
Publication Order Number:
2SC4081RT1/D
1
2SC4081RT1
General Purpose
Amplifier Transistor
NPN Surface Mount
Features
• Moisture Sensitivity Level: 1
• Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector−Base Voltage
V(BR)CBO
60
Vdc
Collector−Emitter Voltage
V(BR)CEO
50
Vdc
Emitter−Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Collector Current − Peak
IC(P)
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
− 55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Breakdown Voltage
(IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
−
Vdc
Collector−Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
7.0
−
Vdc
Collector−Base Cutoff Current
(VCB = 60 Vdc, IE = 0)
ICBO
−
0.1
mAdc
Collector−Emitter Cutoff Current
(VCE = 10 Vdc, IB = 0)
(VCE = 30 Vdc, IB = 0)
(VCE = 30 Vdc, IB = 0, TA = 80°C)
ICEO
−
−
−
0.1
2.0
1.0
mAdc
mAdc
mAdc
DC Current Gain (Note 1)
(VCE = 6.0 Vdc, IC = 2.0 mAdc)
hFE
180
390
−
Collector−Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
−
0.5
Vdc
1. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
SC−70
CASE 419
MARKING DIAGRAM
2
1
3
81 M
G
G
COLLECTOR
3
1
BASE
2
EMITTER
Device*
Package
Shipping†
ORDERING INFORMATION
2SC4081RT1
SC−70
3000/Tape & Reel
*The “T1” suffix refers to a 7 inch reel.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
2SC4081RT1G
SC−70
(Pb−Free)
3000/Tape & Reel
81
= Device Code
M
= Date Code*
G
= Pb−Free Package
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - 2SC4081RT1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
2SC4081R AITSEMI-2SC4081R Datasheet
864Kb / 7P
GENERAL PURPOSE TRANSISTORS NPA SILICON
REV1.0
2SC4081R AITSEMI-2SC4081R Datasheet
864Kb / 7P
GENERAL PURPOSE TRANSISTORS NPA SILICON
REV1.0
2SC4081R AITSEMI-2SC4081R Datasheet
864Kb / 7P
GENERAL PURPOSE TRANSISTORS NPA SILICON
REV1.0
More results

Similar Description - 2SC4081RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSD602 ETL-MSD602 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
NTE Electronics
NTE2646 NTE-NTE2646 Datasheet
57Kb / 2P
Silicon NPN Transistor General Purpose Amplifier, Switch Surface Mount
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
Surface Mount NPN General Purpose Transistor
logo
Leshan Radio Company
LMSD1819A-RT1G LRC-LMSD1819A-RT1G_11 Datasheet
89Kb / 4P
General Purpose Amplifier Transistor NPN Silicon Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
MSD602-RT1G ONSEMI-MSD602-RT1G_14 Datasheet
63Kb / 5P
NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
logo
TT Electronics.
2N2222AUB TTELEC-2N2222AUB Datasheet
254Kb / 3P
Surface Mount NPN General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com