Electronic Components Datasheet Search
  English  ▼

X  

PT2386 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2386
Description  3D Effect IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2386 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2386 Datasheet HTML 1Page - Princeton Technology Corp PT2386 Datasheet HTML 2Page - Princeton Technology Corp PT2386 Datasheet HTML 3Page - Princeton Technology Corp PT2386 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D Effect IC
Preliminary
PT2386
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2386 pre 1.0
2
Updated January 2001
PIN CONFIGUATION
LIN
RIN
BL1
BL2
BR2
BR1
REF
GND
VDD
18
17
16
15
14
13
12
11
10
LOUT
ROUT
P1
P2
P3
P4
DBS
3D
D/C
1
2
3
4
5
6
7
8
9
ORDER INFORMATION
Valid Part Number
Package Type
PT2386
18 Pins, DIP Package (300 mil)
PT2386-S
18 Pins, SO Package (300 mil)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com