Electronic Components Datasheet Search
  English  ▼

X  

STGIPL14K60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 4 Page - STMicroelectronics

  STGIPL14K60 Datasheet HTML 1Page - STMicroelectronics STGIPL14K60 Datasheet HTML 2Page - STMicroelectronics STGIPL14K60 Datasheet HTML 3Page - STMicroelectronics STGIPL14K60 Datasheet HTML 4Page - STMicroelectronics STGIPL14K60 Datasheet HTML 5Page - STMicroelectronics STGIPL14K60 Datasheet HTML 6Page - STMicroelectronics STGIPL14K60 Datasheet HTML 7Page - STMicroelectronics STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Internal block diagram and pin configuration
STGIPL14K60
4/21
Doc ID 15589 Rev 3
Table 2.
Pin description
Pin
Symbol
Description
1OUTU
High side reference output for U phase
2Vboot U
Bootstrap voltage for U phase
3LINU
Low side logic input for U phase
4HINU
High side logic input for U phase
5OP-U
Opamp inverting input for U phase
6OPOUT U
Opamp output for U phase
7OP+U
Opamp non inverting input for U phase
8CINU
Comparator input for U phase
9OUTV
High side reference output for V phase
10
Vboot V
Bootstrap voltage for V phase
11
LINV
Low side logic input for V phase
12
HINV
High side logic input for V phase
13
OP-V
Opamp inverting input for V phase
14
OPOUT V
Opamp output for V phase
15
OP+V
Opamp non inverting input for V phase
16
CINV
Comparator input for V phase
17
OUTW
High side reference output for W phase
18
Vboot W
Bootstrap voltage for W phase
19
LINW
Low side logic input for W phase
20
HINW
High side logic input for W phase
21
OP-W
Opamp inverting input for W phase
22
OPOUT W
Opamp output for W phase
23
OP+W
Opamp non inverting input for W phase
24
CINW
Comparator input for W phase
25
VCC
Low voltage power supply
26
SD / OD
Shut down logic input (active low) / open drain (comparator output)
27
GND
Ground
28
T2
NTC thermistor terminal 2
29
T1
NTC thermistor terminal 1
30
NW
Negative DC input for W phase
31
W
W phase output
32
P
Positive DC input
33
NV
Negative DC input for V phase
34
V
V phase output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com