Electronic Components Datasheet Search
  English  ▼

X  

PT2387 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2387
Description  3D Effect Audio Processor IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2387 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2387 Datasheet HTML 1Page - Princeton Technology Corp PT2387 Datasheet HTML 2Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ref. No. 2387 v1.2
2
Updated March 2000
3D Effect Audio Processor IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2387
PIN CONFIGURATION
VR EF
GN D
3D
RO UT
1
2
3
4
8
7
6
5
Vcc
LO U T
LIN
RIN
P T 2387
APPLICATION CIRCUIT
ORDER INFORMATION
Part Number
Package
PT2387
8-pin. DIP (300 mil)
PT2387-S
8-pin, SO (150mil)
VR EF
GND
3D
ROUT
1
2
3
4
8
7
6
5
Vc c
LO U T
LIN
RIN
P T 2 387
+
47 µ F
47 0
0.1 µ f
9V
9V
3D KEY
LE D
+
+
+
+
10 µ F
10 µ F
10 µ F
10 µ F
Le ft C h a nne l In pu t
Rig h t C h an ne l In pu t
Le ft C h a nne l O utp ut
Rig h t C h an ne l O u tp ut
+
0.1
100µ F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com