Electronic Components Datasheet Search
  English  ▼

X  

IM07GR Datasheet(PDF) 23 Page - Tyco Electronics

Part # IM07GR
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM07GR Datasheet(HTML) 23 Page - Tyco Electronics

Back Button IM07GR Datasheet HTML 19Page - Tyco Electronics IM07GR Datasheet HTML 20Page - Tyco Electronics IM07GR Datasheet HTML 21Page - Tyco Electronics IM07GR Datasheet HTML 22Page - Tyco Electronics IM07GR Datasheet HTML 23Page - Tyco Electronics IM07GR Datasheet HTML 24Page - Tyco Electronics IM07GR Datasheet HTML 25Page - Tyco Electronics IM07GR Datasheet HTML 26Page - Tyco Electronics IM07GR Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
23 of 28
AXICOM Signal Relays
IM Relay
High Frequency Data
IM-A / IM-B
IM / IM-D / IM-E
IMC
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
max. 2 pF
max. 2 pF
max. 1 pF
RF Characteristics
Isolation at 100 MHz / 900 MHz
Insertion loss at 100 MHz / 900 MHz
V.S.W.R. at 100 MHz / 900 MHz
50 Ω
- 33.0 dB / - 13.5 dB
- 0.06 dB / - 1.00
dB
1.10 / 2.00
50 Ω
- 37.0 dB / - 18.8 dB
- 0.03 dB / - 0.33
dB
1.06 / 1.49
50 Ω
- 35.0 dB / - 13.3 dB
- 0.04 dB / - 0.40
dB
1.04 / 1.33
General Data
Operate time at Unom typ. / max.
1 ms / 3 ms
Reset time (latching) at Unom , typ. / max.
1 ms / 3 ms
Duration of set / reset pulse (latching) min.
10ms*
Release time without diode in parallel (non-latching),
typ. / max.
1 ms / 3 ms
Release time with diode in parallel (non-latching),
typ. / max.
3 ms / 5 ms
Bounce time at closing contact, typ. / max.
1 ms / 5 ms
Maximum switching rate without load
50 operations/s
Ambient temperature
-40 °C ... +85 °C
Thermal resistance
< 150 K/W
Maximum permissible coil temperature
125 °C
Vibration resistance (function)
20 G
10 to 500 Hz
Shock resistance, half sinus, 11 ms
Shock resistance, half sinus, 0.5 ms
50 G (function)
500 G (damage)
Degree of protection / Environmental protection
immersion cleanable, IP 67 / RT V
Needle flame test
application time 20 s, no burning and glowing
Mounting position
any
Processing information
Ultrasonic cleaning is not recommended
Weight (mass)
max. 0.75 g
Terminal surface
NiPdAu
Moisture sensitive level
(JEDEC J-STD-020D) - SMD types
MSL 3
Resistance to soldering heat
265 °C / 10 s
* Duration may be shorter depending on pulse shape, voltage applied and ambiente temperature
All data refers to 23 °C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com