Electronic Components Datasheet Search
  English  ▼

X  

IM41TS Datasheet(PDF) 21 Page - Tyco Electronics

Part # IM41TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM41TS Datasheet(HTML) 21 Page - Tyco Electronics

Back Button IM41TS Datasheet HTML 17Page - Tyco Electronics IM41TS Datasheet HTML 18Page - Tyco Electronics IM41TS Datasheet HTML 19Page - Tyco Electronics IM41TS Datasheet HTML 20Page - Tyco Electronics IM41TS Datasheet HTML 21Page - Tyco Electronics IM41TS Datasheet HTML 22Page - Tyco Electronics IM41TS Datasheet HTML 23Page - Tyco Electronics IM41TS Datasheet HTML 24Page - Tyco Electronics IM41TS Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
21 of 28
AXICOM Signal Relays
IM Relay
Contact Data
IM-A
IM-B
IM-C
IM-D
IM-E
Number of contacts and type
1 Pole break
1 Pole make
1 Pole
changeover
2 Pole break
2 Pole make
Contact assembly
Bifurcated contacts
Contact material
Palladium-ruthenium, gold-covered
Limiting continuous current
at max. ambient temperature
2 A
2 A
4 A
2 A
2 A
Maximum switching current
2 A
2 A
3 A
2 A
2 A
Maximum swichting voltage
220 Vdc
250 Vac
Maximum switching capacity
60 W, 62.5 VA
Thermoelectric potential
< 10 µV
Minimum switching voltage
100 µV
Initial contact resistance /
measuring condition: 10 mA / 20 mV
< 100 mΩ
< 100 mΩ
NO < 100 mΩ
< 50 mΩ
< 50 mΩ
Electrical
CC0 Contact category 0
endurance
(≤ 30 mV / ≥ 10 mA)
cable load open end
Resistive load
at 125 Vdc / 0.24 A - 30 W
at 220 Vdc / 0.27 A - 60 W
at 250 Vac / 0.25 A - 62.5
VA
at 30 Vdc / 1 A - 30 W
at 30 Vdc / 2 A - 60 W
min. 2.5 x 106 operations
min. 2.0 x 106 operations
min. 5 x 105 operations
min. 1 x 105 operations
min. 1 x 105 operations
min. 5 x 105 operations
min. 1 x 105 operations
Mechanical endurance
typ. 108 operations
UL contact ratings
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Max. DC Load Breaking Capacity
DC current [A]
resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com