Electronic Components Datasheet Search
  English  ▼

X  

IM43TS Datasheet(PDF) 9 Page - Tyco Electronics

Part # IM43TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM43TS Datasheet(HTML) 9 Page - Tyco Electronics

Back Button IM43TS Datasheet HTML 5Page - Tyco Electronics IM43TS Datasheet HTML 6Page - Tyco Electronics IM43TS Datasheet HTML 7Page - Tyco Electronics IM43TS Datasheet HTML 8Page - Tyco Electronics IM43TS Datasheet HTML 9Page - Tyco Electronics IM43TS Datasheet HTML 10Page - Tyco Electronics IM43TS Datasheet HTML 11Page - Tyco Electronics IM43TS Datasheet HTML 12Page - Tyco Electronics IM43TS Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9 of 28
AXICOM Signal Relays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco
Electronics
part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Ultra High Sensitive Version
SMT Gull Wings non-latching 1 coil
3
2.55
10.80
0.30
50
180
IM21GR
2-1462039-6
4.5
3.83
16.20
0.45
50
405
IM22GR
2-1462039-7
5
4.25
18.00
0.50
50
500
IM23GR
2-1462039-9
12
10.20
43.20
1.20
50
2880
IM26GR
3-1462039-1
THT non-latching 1 coil
3
2.55
10.80
0.30
50
180
IM21TS
1-1462039-5
4.5
3.83
16.20
0.45
50
405
IM22TS
2-1462039-8
5
4.25
18.00
0.50
50
500
IM23TS
3-1462039-0
12
10.20
43.20
1.20
50
2880
IM26TS
3-1462039-2
High Contact Stability Version
SMT Gull Wings non-latching 1 coil
4.5
3.83
10.80
0.45
140
145
IM02PGR
5-1462039-4
5
3.75
12.10
0.50
140
178
IM03PGR
5-1462039-5
12
9.00
28.90
1.20
140
1029
IM06PGR
5-1462039-6
SMT Gull Wings latching 1 coil
4.5
3.38
12.90
-3.38
100
203
IM42PGR
5-1462039-7
THT Narrow non-latching 1 coil
4.5
3.83
10.80
0.45
140
145
IM02PNS
5-1462039-8
5
3.75
12.10
0.50
140
178
IM03PNS
5-1462039-9
12
9.00
28.90
1.20
140
1029
IM06PNS
6-1462039-0
THT Narrow latching 1 coil
12
9.00
34.30
-9.00
100
1440
IM46PNS
6-1462039-1
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com