Electronic Components Datasheet Search
  English  ▼

X  

PT2390 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2390
Description  Echo IC with Built-in Microphone Amplifier & Output Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2390 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2390 Datasheet HTML 1Page - Princeton Technology Corp PT2390 Datasheet HTML 2Page - Princeton Technology Corp PT2390 Datasheet HTML 3Page - Princeton Technology Corp PT2390 Datasheet HTML 4Page - Princeton Technology Corp PT2390 Datasheet HTML 5Page - Princeton Technology Corp PT2390 Datasheet HTML 6Page - Princeton Technology Corp PT2390 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ref. No. 2390 v1.1
1
Written July 1999
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2390
Echo IC with Built-in Microphone Amplifier & Output Mixer
DESCRIPTION
PT2390 is a digital echo IC utilizing CMOS Technology. Microphone Amplifier, Output Mixer, internal
44K RAM and Vocal Switch are all integrated in a single chip to provide a digital echo IC of the the highest
standard. Very low distortion and high S/N Ratio qualities, not to mention the built-in VCO feature which
eliminates the need for an external crystal oscillator are just some of the features of PT2390. Pin assign-
ments and application circuit are optimized for easy PCB Layout and low cost effectiveness.
FEATURES
• CMOS Technology
• Least External Component
• 5V Power Supply
• 2 Microphone Amplifier and KARAOKE Automatic Vocal Changer
• Built-in 44K RAM
• Built-in VCO, eliminating the need for a crystal oscillator
• Low Total Harmonic Distortion
: Microphone Pre-Amplifier <0.09% (typ.)
: Echo Processor < 0.5% (typ.)
• High S/N Ratio
: Microphone Pre-Amplifier > 85 (no - weighting)
: Echo Processor > 80 dB (no - weighting)
• Available in 28-pin, DIP or SO Package
APPLICATIONS
• DVD, VCD
• KARAOKE
• VCR
• Mini Compo
• Other Audio Equipments


Similar Part No. - PT2390

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2392-LQ PTC-PT2392-LQ Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
Enhanced Digital Echo IC
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2396 PTC-PT2396 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
More results

Similar Description - PT2390

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65853FP MITSUBISHI-M65853FP Datasheet
113Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65854FP MITSUBISHI-M65854FP Datasheet
102Kb / 14P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
1 Chip Digital Echo with Microphone mixing Amplifier
M65856SP MITSUBISHI-M65856SP Datasheet
100Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
stereo CODEC with built-in Microphone-Amplifier
logo
Renesas Technology Corp
M65855FP RENESAS-M65855FP Datasheet
3Mb / 11P
CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
CMOS IC Digital Echo IC with Microphone Amplifier Circuit
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
logo
ON Semiconductor
LC75106V-TLM-H ONSEMI-LC75106V-TLM-H Datasheet
188Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
June, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com