Electronic Components Datasheet Search
  English  ▼

X  

ADM1032ARMZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1032ARMZ
Description  짹1??Remote and Local System Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1032ARMZ Datasheet HTML 1Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 2Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 3Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 4Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 5Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 6Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 7Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADM1032
http://onsemi.com
3
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3.0 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
THERM is an open−drain output that can be used to turn a fan on/off or throttle a CPU clock in the event of
an overtemperature condition. Requires pullup to VDD, the same supply as the ADM1032.
Note: Please refer to Power Sequencing Considerations; THERM Pin Pullup on page 15 for more information.
5
GND
Supply Ground Connection.
6
ALERT
Open−Drain Logic Output Used as Interrupt or SMBus Alert.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open−drain output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
5.5
V
Average Operating Supply Current, ICC
0.0625 conversions/sec rate (Note 1)
170
215
mA
Standby mode
5.5
10
mA
Undervoltage Lockout Threshold
VDD input, disables ADC, rising edge
2.35
2.55
2.8
V
Power−On Reset Threshold
1.0
2.4
V
Temperature−To−Digital Converter
Local Sensor Accuracy
0 ≤ TA ≤ 100°C, VCC = 3 V to 3.6 V
±1
±3
°C
Resolution
1.0
°C
Remote Diode Sensor Accuracy
60°C ≤ TD ≤ 100°C, VCC = 3 V to 3.6 V
±1
°C
0°C ≤ TD ≤ 120°C
±3
°C
Resolution
0.125
°C
Remote Sensor Source Current
High level (Note 2)
230
mA
Low level (Note 2)
13
mA
Conversion Time
From stop bit to conversion complete
Both channels: one−shot mode with averaging
switched on
35.7
142.8
ms
One−shot mode with averaging off (that is,
conversion rate = 32 or 64 conversions per second)
5.7
22.8
ms
Open−Drain Digital Outputs (THERM, ALERT)
Output Low Voltage, VOL
IOUT = −6.0 mA (Note 2)
0.4
V
High Level Output Leakage Current, IOH
VOUT = VDD (Note 2)
0.1
1.0
mA
Serial Bus Timing (Note 2)
Logic Input High Voltage, VIH
SCLK, SDATA
VDD = 3.0 V to 5.5 V
2.1
V
Logic Input Low Voltage, VIL
VDD = 3.0 V to 5.5 V
0.8
V
Hysteresis
SCLK, SDATA
500
mV
1. See Table 6 for information on other conversion rates.
2. Guaranteed by design, not production tested.
3. The SMBus timeout is a programmable feature. By default, it is not enabled. Details on how to enable it are available in the Serial Bus
Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com