Electronic Components Datasheet Search
  English  ▼

X  

ADP3198 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3198 Datasheet(HTML) 4 Page - ON Semiconductor

  ADP3198 Datasheet HTML 1Page - ON Semiconductor ADP3198 Datasheet HTML 2Page - ON Semiconductor ADP3198 Datasheet HTML 3Page - ON Semiconductor ADP3198 Datasheet HTML 4Page - ON Semiconductor ADP3198 Datasheet HTML 5Page - ON Semiconductor ADP3198 Datasheet HTML 6Page - ON Semiconductor ADP3198 Datasheet HTML 7Page - ON Semiconductor ADP3198 Datasheet HTML 8Page - ON Semiconductor ADP3198 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADP3198
Rev. 2 | Page 4 of 31 | www.onsemi.com
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ILIMIT Voltage
VILIMIT
RILIMIT = 121 kΩ (VILIMIT = (IILIMIT × RILIMIT))
1.09
1.21
1.33
V
Maximum Output Voltage
3
V
Current-Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 121 kΩ
80
100
125
mV
Current-Limit Setting Ratio
VCL/VILIMIT
82.6
mV/V
DELAY TIMER
Normal Mode Output Current
IDELAY
IDELAY = IIREF
12
15
18
μA
Output Current in Current Limit
IDELAY(CL)
IDELAY(CL) = 0.25 × IIREF
3.0
3.75
4.5
μA
Threshold Voltage
VDELAY(TH)
1.6
1.7
1.8
V
SOFT START
Output Current
ISS
During startup, ISS = IIREF
12
15
18
μA
ENABLE INPUT
Threshold Voltage
VTH(EN)
800
850
900
mV
Hysteresis
VHYS(EN)
80
100
125
mV
Input Current
IIN(EN)
−1
μA
Delay Time
tDELAY(EN)
EN > 950 mV, CDELAY = 10 nF
2
ms
OD OUTPUT
Output Low Voltage
VOL(
OD)
160
500
mV
Output High Voltage
VOH(
OD)
4
5
V
OD Pull Down Resistor
60
kΩ
THERMAL THROTTLING CONTROL
TTSENSE Voltage Range
Internally limited
0
5
V
TTSENSE Bias Current
−133
−123
−113
μA
TTSENSE VRFAN Threshold Voltage
1.06
1.105
1.15
V
TTSENSE VRHOT Threshold Voltage
765
810
855
mV
TTSENSE Hysteresis
50
mV
VRFAN Output Low Voltage
VOL(VRFAN)
IVRFAN(SINK) = −4
mA
150
300
mV
VRHOT Output Low Voltage
VOL(VRHOT)
IVRHOT(SINK) = −4 mA
150
300
mV
POWER-GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−450
−500
−550
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
250
300
350
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = −4 mA
150
300
mV
Power-Good Delay Time
During Soft Start2
CDELAY = 10 nF
2
ms
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
250
300
350
mV
Crowbar Reset Point
Relative to FBRTN
395
450
505
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400 μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400 μA
4.0
5
V
SUPPLY
VSYSTEM = 12 V, RSHUNT = 340 Ω (see Figure 2)
VCC2
VCC
4.65
5
5.55
V
DC Supply Current
IVCC
VSYSTEM = 13.2 V, RSHUNT = 340 Ω
25
mA
UVLO Turn-On Current
6.5
11
mA
UVLO Threshold Voltage
VUVLO
VCC rising
9
V
UVLO Turn-Off Voltage
VCC falling
4.1
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com